Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC58FVT641-10 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC58FVT641-10
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVT641-10 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC58FVT641-10 Datasheet HTML 2Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 3Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 4Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 5Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 6Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVT641-10 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
TC58FVT641/B641FT/XB-70,-10
2002-10-24
6/53
SIMULTANEOUS READ/WRITE OPERATION
The TC58FVT641/B641 features a Simultaneous Read/Write operation. The Simultaneous Read/Write operation
enables the device to simultaneously write data to or erase data from a bank while reading data from another bank.
The TC58FVT641/B641 has a total of seventeen banks: 1 bank of 0.5 Mbits, 1 bank of 3.5 Mbits and 15 banks of 4
Mbits. Banks can be switched between using the bank addresses (A21~A15). For a description of bank blocks and
addresses, please refer to the Block Address Table and Block Size Table.
The Simultaneous Read/Write operation cannot perform multiple operations within a single bank. The table
below shows the operation modes in which simultaneous operation can be performed.
Note that during Auto-Program execution or Auto Block Erase operation, the Simultaneous Read/Write operation
cannot read data from addresses in the same bank which have not been selected for operation. Data from these
addresses can be read using the Program Suspend or Erase Suspend function, however.
SIMULTANEOUS READ/WRITE OPERATION
STATUS OF BANK ON WHICH OPERATION IS BEING
PERFORMED
STATUS OF OTHER BANKS
Read Mode
ID Read Mode
(1)
Auto-Program Mode
Fast Program Mode
(2)
Program Suspend Mode
Auto Block Erase Mode
Auto Multiple Block Erase Mode
(3)
Erase Suspend Mode
Program Suspend during Erase Suspend
CFI Mode
Read Mode
(1) Only Command Mode is valid.
(2) Including times when Acceleration Mode is in use.
(3) If the selected blocks are spread across all nine banks, simultaneous operation cannot be carried out.
OPERATION MODES
In addition to the Read, Write and Erase Modes, the TC58FVT641/B641 features many functions including block
protection and data polling. When incorporating the device into a deign, please refer to the timing charts and
flowcharts in combination with the description below.
READ MODE
To read data from the memory cell array, set the device to Read Mode. In Read Mode the device can perform
high-speed random access as asynchronous ROM.
The device is automatically set to Read Mode immediately after power-on or on completion of automatic
operation. A software reset releases ID Read Mode and the lock state which the device enters if automatic
operation ends abnormally, and sets the device to Read Mode. A hardware reset terminates operation of the
device and resets it to Read Mode. When reading data without changing the address immediately after
power-on, either input a hardware Reset or change CE from H to L.


Similar Part No. - TC58FVT641-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT641XB-10 TOSHIBA-TC58FVT641XB-10 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVT641XB-70 TOSHIBA-TC58FVT641XB-70 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
More results

Similar Description - TC58FVT641-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com