Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7906EDD-E Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T7906EDD-E
Description  Single Point to Point IEEE 1355 High Speed Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7906EDD-E Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T7906EDD-E Datasheet HTML 6Page - ATMEL Corporation T7906EDD-E Datasheet HTML 7Page - ATMEL Corporation T7906EDD-E Datasheet HTML 8Page - ATMEL Corporation T7906EDD-E Datasheet HTML 9Page - ATMEL Corporation T7906EDD-E Datasheet HTML 10Page - ATMEL Corporation T7906EDD-E Datasheet HTML 11Page - ATMEL Corporation T7906EDD-E Datasheet HTML 12Page - ATMEL Corporation T7906EDD-E Datasheet HTML 13Page - ATMEL Corporation T7906EDD-E Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
10
T7906E
Rev. A – 27-Aug.-01
ELECTRICAL Specifications
This data is given for information only. For guaranteed values refer to Atmelk procure-
ment specifications.
Table 1. Absolute Maximum Ratings
Stresses above those listed may cause permanent damage to the device.
DC Electrical Characteristics
Table 2. DC Characteristics
Specified at VCC = + 5 V ± 10%
Note:
see also the signal description in section 4.
Power Consumption
Although specified for TTL outputs, all T7906E outputs are CMOS compatible and will
drive VCC and GND assuming no DC loads.
The max. power consumption figures (at 5,5V, -55×C) are:
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
-0,5 to +7
V
I/O Voltage
-0,5 to Vcc+0,5
V
Operating Temperature Range (Ambient)
TA
-55 to +125
°C
Junction Temperature
TJ
Tj < TA+20
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Thermal Resistance
Rthje
1
°C/W
Rthja
35
Parameter
Symbol
Min.
Max.
Unit
Conditions
Operating Voltage
VCC
4,5
5,5
V
Input HIGH Voltage (TTL)
VIH
2,0
V
Input LOW Voltage (TTL)
VIL
0,8
V
Output HIGH Voltage
VOH
2,4
V
max. output current (1)
Output LOW Voltage
VOL
0,4
V
max. output current (1)
Output Short circuit current
IOS
160
130
mA
mA
VOUT = VCC
VOUT = GND
Operating Mode
Symbol
Max.
Unit
at Reset
I
15
mA
in Idle
I
50
mA
operating
I
80
mA


Similar Part No. - T7906EDD-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906E ATMEL-T7906E Datasheet
1,009Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
T7906EKT-E ATMEL-T7906EKT-E Datasheet
1,009Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_07 Datasheet
1,009Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_14 Datasheet
555Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
More results

Similar Description - T7906EDD-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7906E ATMEL-T7906E_14 Datasheet
555Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
T7906E ATMEL-T7906E_07 Datasheet
1,009Kb / 43P
   Single Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E Datasheet
292Kb / 31P
   Tripple Point to Point IEEE 1355 High Speed Controller
TSS901E ATMEL-TSS901E_07 Datasheet
441Kb / 31P
   Triple Point to Point IEEE 1355 High Speed Controller
AT7912F ATMEL-AT7912F_14 Datasheet
361Kb / 21P
   Derived from the T7906 Single Point to Point IEEE 1355 High Speed Controller
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com