Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC55V8512J-15 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC55V8512J-15
Description  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55V8512J-15 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC55V8512J-15 Datasheet HTML 1Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 2Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 3Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 4Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 5Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 6Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 7Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 8Page - Toshiba Semiconductor TC55V8512J-15 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC55V8512J/FT-12,-15
2001-12-19
3/10
DC CHARACTERISTICS (Ta
==== 0° to 70°C, VDD ==== 3.3 V ±±±± 0.3 V)
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IIL
Input Leakage Current
(Except NU pin)
VIN = 0 to VDD
−1
1
µA
ILO
Output Leakage
Current
CE
= VIH or WE = VIL or OE = VIH,
VOUT = 0 to VDD
−1
1
µA
VIN = 0 to 0.8 V
−1
20
II (NU)
Input Current
(NU pin)
VIN = 0 to 0.2 V
−1
1
µA
IOH = −2 mA
2.4
VOH
Output High Voltage
IOH = −100 µA
VDD − 0.2
IOL = 2 mA
0.4
VOL
Output Low Voltage
IOL = 100 µA
0.2
V
tcycle = 12 ns
170
tcycle = 15 ns
140
tcycle = 20 ns
130
IDDO
Operating Current
CE
= VIL, IOUT = 0 mA,
OE
= VIH,
Other Input
= VIH/VIL
tcycle = 25 ns
110
mA
IDDS1
CE
= VIH, Other Input = VIH or VIL
50
IDDS2
Standby Current
CE
= VDD − 0.2 V, Other Input = VDD − 0.2 V or 0.2 V
4
mA
CAPACITANCE (Ta
==== 25°C, f ==== 1 .0 MHz)
SYMBOL
PARAMETER
TEST CONDITION
MAX
UNIT
CIN
Input Capacitance
VIN = GND
6
pF
CI/O
Input/Output Capacitance
VI/O = GND
8
pF
Note:
This parameter is periodically sampled and is not 100% tested.
OPERATING MODE
MODE
CE
OE
WE
I/O1 to I/O8
POWER
Read
L
L
H
Output
IDDO
Write
L
*
L
Input
IDDO
Outputs Disable
L
H
H
High Impedance
IDDO
Standby
H
*
*
High Impedance
IDDS
* : Don’t care
Note:
The NU pin must be left unconnected or tied to GND or a voltage level of less than 0.8 V.
You must not apply a voltage of more than 0.8 V to the NU.


Similar Part No. - TC55V8512J-15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55V8512JI-12 TOSHIBA-TC55V8512JI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512JI-15 TOSHIBA-TC55V8512JI-15 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC55V8512J-15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com