Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0930 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T0930
Description  SiGe Power Amplifier for CW Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0930 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T0930 Datasheet HTML 2Page - ATMEL Corporation T0930 Datasheet HTML 3Page - ATMEL Corporation T0930 Datasheet HTML 4Page - ATMEL Corporation T0930 Datasheet HTML 5Page - ATMEL Corporation T0930 Datasheet HTML 6Page - ATMEL Corporation T0930 Datasheet HTML 7Page - ATMEL Corporation T0930 Datasheet HTML 8Page - ATMEL Corporation T0930 Datasheet HTML 9Page - ATMEL Corporation T0930 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
T0930
4722A–SIGE–06/03
Figure 5. P
out and PAE versus VCC (2 W Application)
Figure 6. P
out and PAE versus Vramp (2 W Application)
0
5
10
15
20
25
30
35
40
45
50
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
V
CC [V]
PAE
P
out
-40
-30
-20
-10
0
10
20
30
40
50
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
V
ramp [V]
PAE
P
out


Similar Part No. - T0930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T0931R12 ETC1-T0931R12 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
T0933R12 ETC1-T0933R12 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
T0934R12 ETC1-T0934R12 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
More results

Similar Description - T0930

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26102A PANASONICBATTERY-AN26102A Datasheet
379Kb / 16P
   SiGe Linear Power Amplifier for 2.4 GHz Band Applications
logo
Communications & Power ...
VZK-2790J1 CPI-VZK-2790J1 Datasheet
146Kb / 2P
   150W CW TWT Power Amplifier
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
   SiGe HBT MMIC POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
MAX2247 MAXIM-MAX2247 Datasheet
770Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 4; 8/03
logo
RFHIC
RYP24200-20S RFHIC-RYP24200-20S Datasheet
490Kb / 7P
   CW Pallet Amplifier
logo
Renesas Technology Corp
HA31005ANP RENESAS-HA31005ANP Datasheet
112Kb / 8P
   SiGe MMIC High Frequency Power Amplifier
logo
NXP Semiconductors
BGU2003 PHILIPS-BGU2003 Datasheet
62Kb / 8P
   SiGe MMIC amplifier
2002 May 17
logo
Communications & Power ...
5681K CPI-5681K Datasheet
79Kb / 1P
   CW oscillator or amplifier
logo
TriQuint Semiconductor
TQM7136 TRIQUINT-TQM7136 Datasheet
97Kb / 16P
   3V HBT SiGe CDMA POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com