Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T0816-TCQ Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T0816-TCQ
Description  3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0816-TCQ Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T0816-TCQ Datasheet HTML 2Page - ATMEL Corporation T0816-TCQ Datasheet HTML 3Page - ATMEL Corporation T0816-TCQ Datasheet HTML 4Page - ATMEL Corporation T0816-TCQ Datasheet HTML 5Page - ATMEL Corporation T0816-TCQ Datasheet HTML 6Page - ATMEL Corporation T0816-TCQ Datasheet HTML 7Page - ATMEL Corporation T0816-TCQ Datasheet HTML 8Page - ATMEL Corporation T0816-TCQ Datasheet HTML 9Page - ATMEL Corporation T0816-TCQ Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
T0816
4505G–DVD–09/03
Electrical Characteristics: Laser Amplifier
V
CC = 5 V, Tamb = 25°C, ENABLE = High, unless otherwise specified
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
4
Output IOUT
4.1
Total output current
Output is sourcing
14
I
OUT
300
350
mA
A
4.2
Output current per
channel
Output is sourcing
14
I
OUTR
250
mA
A
4.5
I
OUT series resistance
Total R
OUT to VCC rail
14
R
OUT
6
W
C
4.6
Best fit current gain
IR
Channel R
(1)
14
GAINR
90
100
130
mA/mA
A
4.7
Best fit current gain I2
Channel 2
(1)
14
GAIN2
225
250
325
mA/mA
A
4.8
Best fit current gain I3
Channel 3
(1)
14
GAIN3
135
150
195
mA/mA
A
4.9
Best fit current offset
Any channel
(1)
14
IOS
-8
+4
mA
A
4.10
Output current
linearity
Any channel
(1)
14
ILIN
-3
+3
%
A
4.11
I
IN input impedance
R
IN,IR is to GND
1
R
IN,IR
400
500
600
W
A
4.12
I
IN input impedance
R
IN,I2 is to GND
2
R
IN,I2
1000
1250
1500
W
A
4.13
I
IN input impedance
R
IN,I3 is to GND
5
R
IN,I3
600
750
900
W
A
4.14
NE threshold
Temperature
stabilized
6, 7, 8
VTH
1.68
V
B
4.15
Output off current 1
ENABLE = Low
14
IOFF
1
1
mA
A
4.16
Output off current 2
NE2 = NE3 = High,
I
IR = 0,
I
I2 = 200 µA,
I
I3 = 333 µA
14
IOFF
2
1
mA
A
4.17
Output off current 3
NE2 = NE3 = Low,
IIR = II2 = II3 = 0 µA
14
IOFF3
5
mA
A
4.18
I
OUT supply sensitivity,
read mode
IOUT = 40 mA,
V
CC = 5 V ± 10%,
read only
14
VSE
R
-4
1
%/V
A
4.19
IOUT supply sensitivity,
write mode
I
OUT = 80 mA, 40 mA
read + 40 mA write,
V
CC = 5 V ± 10%
14
VSEW
-6
0
%/V
A
4.20
I
OUT current output
noise
I
OUT = 40 mA,
ENOSC = Low
14
INO
O
3
nA/
rt-Hz
C
4.21
I
OUT temperature
sensitivity,
read mode
IOUT = 40 mA, read
only
14
TSER
-400
ppm/
°C
C
4.22
IOUT temperature
sensitivity, write mode
I
OUT = 80 mA, 40 mA
read + 40 mA write
14
TSE
W
-400
ppm/
°C
C
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Linearity of the amplifier is calculated using a best fit method at three operating points of I
OUT at 20 mA, 40 mA,
and 60 mA. I
OUT = (IIN ´ GAIN) + IOS


Similar Part No. - T0816-TCQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0816-TCQ ATMEL-T0816-TCQ Datasheet
378Kb / 15P
   3-channel Laser Driver with RF Oscillator
More results

Similar Description - T0816-TCQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
   3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
   4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
   4-channel Laser Driver with RF Oscillator
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
   3-Channel Laser Diode Driver with Oscillator
Rev. SpA
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
   3-Channel Laser Diode Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com