Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5610 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SP5610
Description  1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5610 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SP5610 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 11Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 12Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 13Page - Zarlink Semiconductor Inc SP5610 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SP5610
8
0.5
0.2
1
0
+j0.2
+j0.5
+j1
+j2
+j5
2
5
–j5
–j2
–j1
–j0.5
–j0.2
FREQUENCY MARKER STEP = 250MHz
S11:Z0 = 50W
Fig. 7 Typical input impedance
NORMALISED TO 50
W
1.25GHz
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE and pin 3 at 0V.
Parameter
Pin
Value
Units
Conditions
Parameter
Pin
Min
Max
Units
Conditions
Supply voltage
12
– 0.3
7
V
RF input voltage
13, 14
2.5
Vp–p
Port voltage
6–10
6–9
10
– 0.3
– 0.3
– 0.3
14
6
14
V
V
V
Port in off state
Port in on state
Port in on state
Total port output current
6–10
50
mA
RF input DC offset
13, 14
– 0.3
VCC +0.3
V
Charge Pump DC offset
1
– 0.3
VCC+0.3
V
Drive DC offset
16
– 0.3
VCC+0.3
V
Crystal oscillator DC offset
2
– 0.3
VCC+0.3
V
SDA,SCL input voltage
4, 5
– 0.3
6
V
Storage temperature
– 55
+150
°C
Junction temperature
+150
°C
MP16 thermal resistance,
chip–to–ambient
111
°C/W
MP16 thermal resistance,
chip–to–case
41
°C/W
Power consumption at 5.5V
150
mW
All ports off
ESD protection
ALL
4
kV
MIL STD 883C TM 3015


Similar Part No. - SP5610

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611KG MITEL-SP5611KG Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611KGMPAS MITEL-SP5611KGMPAS Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611SKG MITEL-SP5611SKG Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5611SKGMPAD MITEL-SP5611SKGMPAD Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
More results

Similar Description - SP5610

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
   1.3GHz I2C BUS 4-Address Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
   2.6GHz Bidirectional I2C BUS Controlled Synthesiser
logo
NXP Semiconductors
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com