Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCH1T45DCKR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH1T45DCKR
Description  SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH1T45DCKR Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74AVCH1T45DCKR Datasheet HTML 11Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 12Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 13Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 14Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 15Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 16Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 17Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 18Page - Texas Instruments SN74AVCH1T45DCKR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SN74AVCH1T45
SINGLEBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES598C – JULY 2004 – REVISED OCTOBER 2004
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 12 shows an example of the SN74AVCH1T45 being used in a unidirectional logic level-shifting application.
1
2
3
6
5
4
VCC1
VCC1
VCC2
VCC2
SYSTEM-1
SYSTEM-2
PIN
NAME
FUNCTION
DESCRIPTION
1
VCCA
VCC1
SYSTEM-1 supply voltage (1.2 V to 3.6 V)
2
GND
GND
Device GND
3
A
OUT
Output level depends on VCC1 voltage.
4
B
IN
Input threshold value depends on VCC2 voltage.
5
DIR
DIR
GND (low level) determines B-port to A-port direction.
6
VCCB
VCC2
SYSTEM-2 supply voltage (1.2 V to 3.6 V)
Figure 12. Unidirectional Logic Level-Shifting Application


Similar Part No. - SN74AVCH1T45DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH1T45DCKR TI-SN74AVCH1T45DCKR Datasheet
1Mb / 34P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCH1T45DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com