Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC8206A4K Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC8206A4K
Description  REMOTE FAN CONTROL IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8206A4K Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

  SC8206A4K Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8206A4K Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8206A4K Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8206A4K Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8206A4K Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8206A4K Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8206A4K Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8206A4K Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Silan
Semiconductors
SC8206
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.11.6
7
TYPECIAL APPLICATION CIRCUIT receive control unit
FUSE
220V
A.C.
180¡
180¡
470
­F
IN4007
200k¡
IN4007
1.2­F
47O
5.1V
1W
470­F
0.1
­F
-5V
GND
47O
6
10
1
7
20
18
17
19
8
9
16
15
LOW
MED
SHO
LTO
OSCI
OSCO
VSS
VDD
COM1
LIGHT
SW
MODE
COM3
COM2
14
13
12
11
2
3
4
5
DI
SPEED
TIMER
OFF
STR
BUZ
SC8206A4L
100P
-5V
Strong
Middle
Low
Nature
4
2
1
0.5
D5
D4
Sleep
Orderly
SPEED
TIMER
SWING
MODE
OFF
LIGHT
455kHz
100P
M
M
220V
A.C.
-5V
-5V
470
470
470
470
470
470
120
120
120
10k
10k
10k
10k
10k
10k
Infared
receive
Power circuit
note: D4,D5 bit custom code
C1,C2 corresponding SC5104
custom code C1 and C2.
connect diode: 1
disconnect diode:0
BUZZER
47­


Similar Part No. - SC8206A4K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8200 SAMHOP-SC8200 Datasheet
99Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Silan Microelectronics ...
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
   ONE-CELL LI BATTERY PROTECTION CIRCUIT
SC8204 SILAN-SC8204 Datasheet
215Kb / 9P
   FAN REMTORE CONTROL DECODER
More results

Similar Description - SC8206A4K

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC2128C SILAN-SC2128C Datasheet
523Kb / 13P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com