Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2677EVB-1 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2677EVB-1
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677EVB-1 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2677EVB-1 Datasheet HTML 1Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 2Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 3Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 4Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 5Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 6Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 7Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 8Page - Semtech Corporation SC2677EVB-1 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
© 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677
Pin Configuration
Ordering Information
EXPANDED PIN DESCRIPTION
Pin 1: (VREF)
Internal 0.5V reference. Connected to the + input of
the master channel error amplifier.
Pin 2: (FREQ)
External frequency adjustment. Connect a resistor to
AGND to set the switching frequency. Please see
more information in Application section.
Pin 3: (VCC)
Bias pin for the controller. Connect a ceramic
decoupling capacitor from this pin to AGND with
minimum trace length.
Pin 4: (+IN2)
“+” input of the slave error amplifier.
Pin 5, 16: (-IN2, -IN1)
“-” inputs of the error amplifiers.
Pin 6, 15: (COMP2, COMP1)
Compensation pins of the error amplifiers.
Pin 7, 14: (BST2, BST1)
Supply pins for the high side drivers. Usually con-
nected to bootstrap circuit.
Pin 8, 13: (DH2, DH1)
Gate drive pins for the top MOSFETs. Requires a
small series resistor.
Pin 9, 12: (DL2, DL1)
Gate drive pins for the bottom MOSFETs. Requires a
small series resistor.
Pin 10: (PGND)
Power GND. Return of the high side and low side gate
drivers.
Pin 11: (BSTC)
Supply pin for bottom MOSFET gate drivers.
Pin 17: (PHASING)
This pin controls the phase shift between master and
slave for optimum noise immunity. Use a resistive
divider from the FREQ pin (pin 2) to AGND, and
connect the tap of the resistive divider to pin 17.
Please see more information in Application section.
Pin 18: (SS/ENA)
Soft start pin. Connect a ceramic capacitor from this
pin to AGND, and there is an internal current source
charging up this capacitor during soft start. The PWM
operation can be disabled if this pin is pulled low.
Pin 19: (PWRGD)
Power good signal. This is an open collector output. It
is pulled low internally if output voltage is outside the
power good window.
Pin 20: (GND)
Analog GND. Return of the analog signals and bias of
the chip.
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
P
R
T
S
T
7
7
6
2
C
S0
2
-
P
O
S
S
T
T
R
T
S
T
7
7
6
2
C
S
)
2
(
0
2
-
P
O
S
S
T
1
-
B
V
E
7
7
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
e
r
a
h
S
t
n
e
r
r
u
C
2
-
B
V
E
7
7
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
l
e
n
n
a
h
C
l
a
u
D
Notes:
(1) Only available in tape and reel packaging. A reel con-
tains 2500 devices.
Pin Descriptions
Top View
(TSSOP-20 Pin)
(2) Lead free package.


Similar Part No. - SC2677EVB-1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-1 SEMTECH-SC2677BEVB-1 Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-1 SEMTECH-SC2677BEVB-1 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677BEVB-2 SEMTECH-SC2677BEVB-2 Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results

Similar Description - SC2677EVB-1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com