Part Name
         Description
S1WBA60S

 General purpose rectifiers ( 5 Page)


SHINDENGEN
100% 
Zoom Out Zoom In
   
 1 page
background image
S1WB(A)60
600V 1A
Copyright & Copy;2002 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : 1W
Switching power supply
Home Appliances, Office Equipment
Telecommunication, Factory Automation
APPLICATION
Small SMT
High IFSM
Applicable to Automatic Insertion
FEATURES
General Purpose Rectifiers
SMT Bridges
œAbsolute Maximum Ratings (If not specified Tl=25Ž)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40`150
Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Ta=25Ž
1A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25Ž
30
A
Current Squared Time
I2t
1ms…tƒ10ms@Tj=25Ž
4.5
A2s
œElectrical Characteristics (If not specified Tl=25Ž)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=0.5A, Pulse measurement, Rating of per diode
Max.1.0
V
Reverse Current
IR
VR=VRM, Pulse measurement, Rating of per diode
Max.10
ÊA
Thermal Resistance
Æjl
junction to lead
Max.10
Ž/W
Æja
junction to ambient
Max.65



Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S3A3.0 Ampere General Purpose Rectifiers 1 2 3 Fairchild Semiconductor
1N5391General Purpose Rectifiers 1 2 3 Fairchild Semiconductor
D1F20General Purpose Rectifiers Single 200V 1A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
1SG18851.2 AMPS GENERAL PURPOSE PLASTIC RECTIFIERS VOLTAGE RANGE 100 TO 600 VOLTS FOWARD CURRENT 1.2 AMPERES 1 2 List of Unclassifed Manufacturers
LN15XB60HGeneral Purpose Rectifiers 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
U6KBA80RGENERAL PURPOSE RECTIFIERS 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
BY251PGeneral Purpose Rectifiers 1 2 Vishay Siliconix
BYD17General purpose controlled avalanche rectifiers 1 2 3 4 5 MoreNXP Semiconductors
1N5550RECTIFIERS MILITARY APPROVED 5 AMP GENERAL PURPOSE 1 2 Microsemi Corporation
DF25V60GENERAL PURPOSE RECTIFIERS 1 2 3 4 5 Shindengen Electric Mfg.Co.Ltd

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl