Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ7909CI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ7909CI
Description  3-Terminal Negative Output Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ7909CI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ7909CI Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ7909CI Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PJ7900 Series
3-Terminal Negative Output Voltage Regulators
1-9
2002/10.rev.A
hese voltage regulators are intended as complements to
the popular PJ7900 Series devices. These negative
regulators are available in the same seven-voltage options as
the PJ7900 devices. In addition, one extra voltage option
commonly employed in MECL systems is also available in
the negative PJ7900 Series.
Available in fixed output
voltage options from -5.0 to -
24 volts, these regulators employ current limiting, thermal
shutdown, and safe-area compensation--making them
remarkably rugged under most operating conditions. With
adequate heatsinking they can deliver output currents in
excess of 1 ampere.
• Output Current up to 1 Ampere
• No External Components Required
• Internal Thermal Overload Protection
• Internal Short-Circuit Current Limiting
• Output Transistor Safe-Area Compensation
• Available in 4% Voltage Tolerance
Device
Operating Temperature
(Ambient)
Package
PJ79xxCZ
TO-220
PJ79xxCI
-20 ℃ to +85℃
TO-220F
T
TO-220
TO-220F
FEATURES
CIRCUIT SCHEMATIC
ORDERING INFORMATION
Pin : 1. Ground
2. Input
3. Output
(Heatsink surface connected to Pin 2.)


Similar Part No. - PJ7909CI

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ79L05SQ PJSEMI-PJ79L05SQ Datasheet
1Mb / 4P
   3-Terminal Negative Voltage Regulator
More results

Similar Description - PJ7909CI

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM7900 FCI-LM7900 Datasheet
551Kb / 7P
   3-Terminal Negative Output Voltage Regulators
logo
List of Unclassifed Man...
LM7900 ETC-LM7900 Datasheet
547Kb / 7P
   3- TERMINAL NEGATIVE OUTPUT VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L00 FCI-LM79L00_1 Datasheet
2Mb / 7P
   LM79L00 Series 3-Terminal Negative Output Voltage Regulators
logo
GTM CORPORATION
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XX GTM-GU79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com