Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2513L-1 Datasheet(PDF) 1 Page - NEC

Part # PS2513L-1
Description  HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2513L-1 Datasheet(HTML) 1 Page - NEC

  PS2513L-1 Datasheet HTML 1Page - NEC PS2513L-1 Datasheet HTML 2Page - NEC PS2513L-1 Datasheet HTML 3Page - NEC PS2513L-1 Datasheet HTML 4Page - NEC PS2513L-1 Datasheet HTML 5Page - NEC PS2513L-1 Datasheet HTML 6Page - NEC PS2513L-1 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
HIGH ISOLATION VOLTAGE
BV: 5 k Vr.m.s.
HIGH COLLECTOR TO EMITTER VOLTAGE
VCEO: 120 V
GUARANTEED MAXIMUM SWITCHING SPEED:
toff ≤ 60 µs @ IF = 5 mA, VCC = 5 V, RL = 1.9 kΩ
HIGH SPEED SWITCHING
ton = 5 µs TYP @ IF= 5mA, VCC = 5 V, RL = 1.9 kΩ
toff = 25 µs TYP @ IF= 5mA, VCC = 5 V, RL = 1.9 kΩ
ORDERING NUMBER OF TAPE PRODUCT:
PS2513L-1-E3, E4, F3, F4
DESCRIPTION
APPLICATIONS
Power Supply
Factory Automation Equipment
HIGH-SPEED SWITCHING/HIGH
ISOLATION VOLTAGE
PHOTOCOUPLER SERIES
PS2513-1
PS2513L-1
1. Test circuit for switching time
The PS2513-1 and PS2513L-1 are optically coupled
isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor.
The PS2513-1 is in a plastic DIP (Dual In-line Package)
and the PS2513L-1 is lead bending type (Gull-wing) for
surface mount.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
California Eastern Laboratories
SYMBOLS
PART NUMBER
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 5 mA
V
1.1
1.3
IR
Reverse Current, VR = 5 V
µA5
Ct
Terminal Capacitance, V = 0 V, f = 1.0 MHz
pF
30
ICEO
Collector to Emitter Dark Current,
VCE = 120 V, IF = 0 mA
nA
100
CTR1
Current Transfer Ratio, IF = 1 mA, VCE = 5 V
%
25
75
100
CTR2
(IC/IF) IF = 5 mA, VCE = 5 V
%
50
125
200
VCE(sat)
Collector Saturation Voltage, IF = 10 mA, IC = 2 mA
V
0.3
RI-O
Isolation Resistance, VI-O = 1.0 kVDC
1011
CI-O
Isolation Capacitance, V = 0 V, f = 1.0 MHz
pF
0.5
tr
Rise Time*1, VCC = 5 V, IC = 2 mA, RL = 100 Ω
µs3
tf
Fall Time*1, VCC = 5 V, IC = 2 mA, RL = 100 Ω
4
ton
Turn-on Time*1, VCC = 5 V, IF = 5 mA, RL = 1.9
µs5
60
toff
Turn-off Time*1, VCC = 5 V, IF = 5 mA, RL = 1.9
25
60
PW = 100 s
Duty Cycle = 1/10
µ
Pulse Input
VCC
VOUT
RL = 100
Ω, 1.9 kΩ
50
IF


Similar Part No. - PS2513L-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2513L-1 RENESAS-PS2513L-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2513L-1 CEL-PS2513L-1 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513L-1 RENESAS-PS2513L-1 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2513L-1-A CEL-PS2513L-1-A Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513L-1-E3 CEL-PS2513L-1-E3 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results

Similar Description - PS2513L-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com