Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEGXX10BEV Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEGXX10BEV
Description  1 A very low VF MEGA Schottky barrier rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEGXX10BEV Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEGXX10BEV Datasheet HTML 1Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 2Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 3Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 4Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 5Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 6Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 7Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 8Page - NXP Semiconductors PMEGXX10BEV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2004 Jun 14
4
Philips Semiconductors
Product specification
1 A very low VF MEGA Schottky
barrier rectifier
PMEGXX10BEA;
PMEGXX10BEV
THERMAL CHARACTERISTICS
Notes
1. Refer to SOD323 (SC-76) standard mounting conditions.
2. For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses
PR are a significant part of the total power losses. Nomograms for determining the reverse power losses PR and IF(AV)
rating will be available on request.
3. Device mounted on an FR4 printed-circuit board with copper clad 10
× 10 mm.
4. Solder point of cathode tab.
5. Refer to SOT666 standard mounting conditions.
6. Only valid if pins 3 and 4 are connected in parallel (SOT666 package).
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
PMEGXX10BEA (SOD323)
Rth(j-a)
thermal resistance from junction to
ambient
in free air; notes 1 and 2
450
K/W
in free air; notes 2 and 3
210
K/W
Rth(j-s)
thermal resistance from junction to
soldering point
note 4
90
K/W
PMEGXX10BEV (SOT666)
Rth(j-a)
thermal resistance from junction to
ambient
in free air; notes 2 and 5
405
K/W
in free air; notes 2 and 6
215
K/W
Rth(j-s)
thermal resistance from junction to
soldering point
note 4
80
K/W
SYMBOL
PARAMETER
CONDITIONS
PMEG2010BEA/
PMEG2010BEV
PMEG3010BEA/
PMEG3010BEV
PMEG4010BEA/
PMEG4010BEV
UNIT
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
VF
forward voltage
IF = 0.1 mA
90
130
90
130
95
130
mV
IF = 1 mA
150
190
150
200
155
210
mV
IF = 10 mA
210
240
215
250
220
270
mV
IF = 100 mA
280
330
285
340
295
350
mV
IF = 500 mA
355
390
380
430
420
470
mV
IF = 1000 mA
420
500
450
560
540
640
mV
IR
continuous reverse
current
VR = 10 V; note 1
15
40
12
30
7
20
µA
VR = 20 V; note 1
40
200
−−−−µA
VR = 30 V; note 1
−−
40
150
−−µA
VR = 40 V; note 1
−−−−
30
100
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
66
80
55
70
43
50
pF


Similar Part No. - PMEGXX10BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX10BEV NXP-PMEGXX10BEV Datasheet
165Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
logo
Nexperia B.V. All right...
PMEGXX10BEV NEXPERIA-PMEGXX10BEV Datasheet
164Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
More results

Similar Description - PMEGXX10BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEK NXP-PMEG2010AEK Datasheet
66Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-30 March 2007
logo
Nexperia B.V. All right...
PMEG2010BEV NEXPERIA-PMEG2010BEV Datasheet
187Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG2010BEA NEXPERIA-PMEG2010BEA Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
15 July 2020
PMEG4010BEA-Q NEXPERIA-PMEG4010BEA-Q Datasheet
195Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
15 September 2021
PMEG4010ET-Q NEXPERIA-PMEG4010ET-Q Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG3010BEV NEXPERIA-PMEG3010BEV Datasheet
186Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEGXX10BEA NEXPERIA-PMEGXX10BEA Datasheet
164Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
logo
NXP Semiconductors
PMEG3010EB NXP-PMEG3010EB Datasheet
64Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-1 December 2006
PMEGXX10BEA NXP-PMEGXX10BEA Datasheet
165Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
PMEG3010EB PHILIPS-PMEG3010EB_15 Datasheet
166Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 2-15 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com