Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMN27UN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMN27UN
Description  TrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMN27UN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMN27UN Datasheet HTML 4Page - NXP Semiconductors PMN27UN Datasheet HTML 5Page - NXP Semiconductors PMN27UN Datasheet HTML 6Page - NXP Semiconductors PMN27UN Datasheet HTML 7Page - NXP Semiconductors PMN27UN Datasheet HTML 8Page - NXP Semiconductors PMN27UN Datasheet HTML 9Page - NXP Semiconductors PMN27UN Datasheet HTML 10Page - NXP Semiconductors PMN27UN Datasheet HTML 11Page - NXP Semiconductors PMN27UN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
PMN27UN
TrenchMOS™ ultra low level FET
Product data
Rev. 01 — 27 September 2002
9 of 12
9397 750 10189
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
9.
Package outline
Fig 14. SOT457 (TSOP6).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
97-02-28
01-05-04


Similar Part No. - PMN27UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMN27UN NEXPERIA-PMN27UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
logo
VBsemi Electronics Co.,...
PMN27UN VBSEMI-PMN27UN Datasheet
474Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - PMN27UN

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV40UN ZPSEMI-PMV40UN Datasheet
186Kb / 3P
   TrenchMOS??ultra low level FET
logo
NXP Semiconductors
PSMN006-20K PHILIPS-PSMN006-20K Datasheet
240Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-30 May 2002
PMN34UN PHILIPS-PMN34UN Datasheet
234Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-26 February 2003
PMV40UN PHILIPS-PMV40UN Datasheet
241Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-05 August 2003
PMN28UN PHILIPS-PMN28UN Datasheet
237Kb / 12P
   TrenchMOS??ultra low level FET
Rev. 01-27 September 2002
logo
Nexperia B.V. All right...
PMN28UN NEXPERIA-PMN28UN Datasheet
341Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMN27UN NEXPERIA-PMN27UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMV40UN NEXPERIA-PMV40UN Datasheet
345Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 05 August 2003
PMV30UN NEXPERIA-PMV30UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 25 June 2003
PH2520U NEXPERIA-PH2520U Datasheet
699Kb / 12P
   N-channel TrenchMOS ultra low level FET
Rev. 03 - 2 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com