Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEGXX10BEA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEGXX10BEA
Description  1 A very low VF MEGA Schottky barrier rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEGXX10BEA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEGXX10BEA Datasheet HTML 2Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 3Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 4Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 5Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 6Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 7Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 8Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 9Page - NXP Semiconductors PMEGXX10BEA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2004 Jun 14
6
Philips Semiconductors
Product specification
1 A very low VF MEGA Schottky
barrier rectifier
PMEGXX10BEA;
PMEGXX10BEV
30
VR (V)
10
5
020
25
15
IR
(
µA)
105
104
103
102
10
1
MHC677
(1)
(3)
(2)
Fig.7
Reverse current as a function of reverse
voltage; typical values.
PMEG3010BEA/PMEG3010BEV
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
0
5
10
20
VR (V)
120
100
0
40
20
80
60
15
Cd
(pF)
MHC678
Fig.8
Diode capacitance as a function of reverse
voltage; typical values.
PMEG3010BEA/PMEG3010BEV
Tamb =25 °C; f = 1 MHz.
handbook, halfpage
0.6
VF (V)
0.4
IF
(mA)
0.2
0
104
103
102
10
1
10−1
MHC679
(1)
(2)
(3)
Fig.9
Forward current as a function of forward
voltage; typical values.
PMEG4010BEA/PMEG4010BEV
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
40
20
10
030
MHC680
105
104
103
102
10
1
VR (V)
IR
(
µA)
(1)
(3)
(2)
Fig.10 Reverse current as a function of reverse
voltage; typical values.
PMEG4010BEA/PMEG4010BEV
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.


Similar Part No. - PMEGXX10BEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX10BEA NXP-PMEGXX10BEA Datasheet
165Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
logo
Nexperia B.V. All right...
PMEGXX10BEA NEXPERIA-PMEGXX10BEA Datasheet
164Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
More results

Similar Description - PMEGXX10BEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEK NXP-PMEG2010AEK Datasheet
66Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-30 March 2007
logo
Nexperia B.V. All right...
PMEG2010BEV NEXPERIA-PMEG2010BEV Datasheet
187Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG2010BEA NEXPERIA-PMEG2010BEA Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
15 July 2020
PMEG4010BEA-Q NEXPERIA-PMEG4010BEA-Q Datasheet
195Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
15 September 2021
PMEG4010ET-Q NEXPERIA-PMEG4010ET-Q Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG3010BEV NEXPERIA-PMEG3010BEV Datasheet
186Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEGXX10BEA NEXPERIA-PMEGXX10BEA Datasheet
164Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
logo
NXP Semiconductors
PMEG3010EB NXP-PMEG3010EB Datasheet
64Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-1 December 2006
PMEGXX10BEA NXP-PMEGXX10BEA Datasheet
165Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
PMEG3010EB PHILIPS-PMEG3010EB_15 Datasheet
166Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 2-15 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com