Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PJ7900 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. PJ7900
Description  3-Terminal Negative Output Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
PJ7900 Series
3-Terminal Negative Output Voltage Regulators
3-9
2002/10.rev.A
(Vin=-11V, Iout=500mA, Cin=2μF, Cout=1μF; Tj=0℃ to 125℃, unless otherwise specified.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Tj=25
-5.75
-6.0
-6.25
V
Output Voltage
Vo
1
Vi=-8 to -21V, lo=5mA to 1A, PD<15W
-5.70
-6.0
-6.30
V
Tj=25
Vi=-8 to -25V
--
4
120
mV
Line Regulation
REGline
1
Vi=-9 to -13V
--
1.5
60
mV
Tj=25
Io=5mA to 1.5A
--
10
120
mV
Load Regulation
REGload
1
Io=250mA to 750mA
--
3
60
mV
Quiescent Current
Iq
2
Tj=25
--
2
4
mA
Vi=-8 to -25V, Tj=25
--
--
1.3
mA
Quiescent Current Change
ΔIq
2
lo=5mA to 1A, Tj=25
--
--
0.5
mA
Output Noise Voltage
Vn
1
f=10Hz to 100KHz, Ta=25
--
44
--
μV
Ripple Rejection Ratio
RR
3
Vi=-9 to -19V, Io=100mA, f=120Hz
60
73
--
dB
Min. I/O Voltage
Difference
Vdif
Io=1A, Tj=25
--
1.1
--
V
Peak Output Current
Io-peak
1
Tj=25
--
2.1
--
A
Output Voltage
Tempoerature Coefficient
ΔVo/Ta
1
Io=5mA, Tj=0 to 125
--
-0.5
--
mV/
Note: The specified condition Tj=25means that the test should be carried out with the test time so short (within 10mS), that the drift in
characteristic value due to the rise in chip junction temperature can be ignored.
(Vin=-14V, Iout=500mA, Cin=2μF, Cout=1μF; Tj=0℃ to 125℃, unless otherwise specified.)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN.
TYP.
MAX.
UNIT
Tj=25
-7.69
-8.0
-8.32
V
Output Voltage
Vo
1
Vi=-10.5 to -23V, lo=5mA to 1A, PD<15W
-7.61
-8.0
-8.40
V
Tj=25
Vi=-10.5 to -25V
--
6
160
mV
Line Regulation
REGline
1
Vi=-11 to -17V
--
2
80
mV
Tj=25
Io=5mA to 1.5A
--
12
160
mV
Load Regulation
REGload
1
Io=250mA to 750mA
--
4
80
mV
Quiescent Current
Iq
2
Tj=25
--
2
4
mA
Vi=-10.5 to -25V, Tj=25
--
--
1
mA
Quiescent Current Change
ΔIq
2
lo=5mA to 1A
--
--
0.5
mA
Output Noise Voltage
Vn
1
f=10Hz to 100KHz, Ta=25
--
52
--
μV
Ripple Rejection Ratio
RR
3
Vi=-11 to -21V, Io=100mA, f=120Hz
56
71
--
dB
Min. I/O Voltage
Difference
Vdif
Io=1A, Tj=25
--
2
--
V
Peak Output Current
Io-peak
1
Tj=25
--
2.1
--
A
Output Voltage
Tempoerature Coefficient
ΔVo/Ta
1
Io=5mA, Tj=0 to 125
--
-0.6
--
mV/
Note: The specified condition Tj=25means that the test should be carried out with the test time so short (within 10mS), that the drift in
characteristic value due to the rise in chip junction temperature can be ignored.
PJ7908 ELECTRICAL CHARACTERISTICS
PJ7906 ELECTRICAL CHARACTERISTICS




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM79L00LM79L00 Series 3-Terminal Negative Output voltage Regulators 1 2 3 4 5 MoreFirst Components International
LM79003- TERMINAL NEGATIVE OUTPUT VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC79XX3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM137HV3-Terminal Adjustable Negative Regulators High Voltage 1 2 3 4 5 MoreNational Semiconductor (TI)
LM79LXXA3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreBoca Semiconductor Corporation
MC78LXXA3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreBoca Semiconductor Corporation
TA79L0053-TERMINAL NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
TA79L05F3-TERMINAL NEGATIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
HA179L003-terminal Negative Fixed Voltage Regulators 1 2 3 4 5 MoreHitachi Semiconductor
AN7900T3-pin Negative Output Voltage Regulators 1A Type 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl