Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCF06A60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FCF06A60
Description  Low Forward Voltage drop Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FCF06A60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FCF06A60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation FCF06A60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation FCF06A60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation FCF06A60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FRD Type :
FCF06A60
FCF06A60
FCF06A60
FCF06A60
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:1.75g
Rating
Symbol
FCF06A60
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Average Rectified Output Current
IO
6
Tc=110
°C
50 Hz,Full Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
6.7
A
Surge Forward Current
IFSM
60
50 Hz Full Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Mounting torque
0.5 Recommended value
Nm
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj=25
°C,VRM=VRRM per Arm
-
-
20
µA
Peak Forward Voltage
VFM
Tj=25
°C, IFM=3A per Arm
-
-
1.7
V
Reverse Recovery Time
trr
IFM= 3 A,
-di/dt= 50 A/
µs, Ta= 25°C
-
-
30
ns
Rth(j-c) Junction to Case
-
-
4
Thermal Resistance
Rth(c-f) Case to Fin
-
-
1.5
°C/W
FEATURES
* Fully Molded Isolation
* Dual Diodes – Cathode Common
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* High Surge Capability
* 200 Volts thru 600 Volts Types Available


Similar Part No. - FCF06A60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCF06A20 NIEC-FCF06A20 Datasheet
53Kb / 4P
   FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FCF06A20 KSS-FCF06A20 Datasheet
632Kb / 5P
   Fast Recovery Diode
logo
National Instruments Co...
FCF06A20 NI-FCF06A20_15 Datasheet
115Kb / 1P
   FRED
logo
Nihon Inter Electronics...
FCF06A40 NIEC-FCF06A40 Datasheet
53Kb / 4P
   FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FCF06A40 KSS-FCF06A40 Datasheet
700Kb / 5P
   Fast Recovery Diode
More results

Similar Description - FCF06A60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
   Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
   Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
   Low Forward Voltage drop Diode
20NFA60 NIEC-20NFA60 Datasheet
48Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com