Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPI1266 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPI1266
Description  HIGH SPEED VERY HIGH VOLTAGE ISOLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI1266 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPI1266 Datasheet HTML 1Page - OPTEK Technologies OPI1266 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - OPI1266

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI1266 TTELEC-OPI1266 Datasheet
613Kb / 4P
   High Voltage Isolator
More results

Similar Description - OPI1266

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI1268 OPTEK-OPI1268 Datasheet
239Kb / 7P
   High Speed, High Voltage Optical Isolator
logo
List of Unclassifed Man...
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
   HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
logo
Bedford Opto Technology...
OPI2000MK BOT-OPI2000MK Datasheet
133Kb / 2P
   High Speed Opto Isolator
OPI2000 BOT-OPI2000 Datasheet
37Kb / 3P
   High Speed Opto Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
Micropac Industries
66321 MICROPAC-66321 Datasheet
103Kb / 2P
   25 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66319 MICROPAC-66319 Datasheet
105Kb / 2P
   7.5 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
66322 MICROPAC-66322 Datasheet
119Kb / 2P
   35 kV HIGH VOLTAGE, 6N134 TYPE HIGH SPEED ISOLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com