Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ17DFT2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL27WZ17DFT2
Description  Dual Non-Inverting Schmitt Trigger Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ17DFT2 Datasheet(HTML) 3 Page - ON Semiconductor

  NL27WZ17DFT2 Datasheet HTML 1Page - ON Semiconductor NL27WZ17DFT2 Datasheet HTML 2Page - ON Semiconductor NL27WZ17DFT2 Datasheet HTML 3Page - ON Semiconductor NL27WZ17DFT2 Datasheet HTML 4Page - ON Semiconductor NL27WZ17DFT2 Datasheet HTML 5Page - ON Semiconductor NL27WZ17DFT2 Datasheet HTML 6Page - ON Semiconductor NL27WZ17DFT2 Datasheet HTML 7Page - ON Semiconductor NL27WZ17DFT2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NL27WZ17
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 255C
*405C v TA v 855C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VT)
Positive Input
Threshold Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.6
1.0
1.2
1.3
1.9
2.2
1.0
1.5
1.7
1.9
2.7
3.3
1.4
1.8
2.0
2.2
3.1
3.6
0.6
1.0
1.2
1.3
1.9
2.2
1.4
1.8
2.0
2.2
3.1
3.6
V
VT*
Negative Input
Threshold Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.2
0.4
0.5
0.6
1.0
1.2
0.5
0.75
0.87
1.0
1.5
1.9
0.8
1.15
1.4
1.5
2.0
2.3
0.2
0.4
0.5
0.6
1.0
1.2
0.8
1.15
1.4
1.5
2.0
2.3
V
VH
Input Hysteresis Voltage
1.65
2.3
2.7
3.0
4.5
5.5
0.1
0.25
0.3
0.4
0.6
0.7
0.48
0.75
0.83
0.93
1.2
1.4
0.9
1.1
1.15
1.2
1.5
1.7
0.1
1.25
0.3
0.4
0.6
0.7
0.9
1.1
1.15
1.2
1.5
1.7
V
VOH
High–Level Output
Voltage
VIN = VIH or VIL
IOH = 100 mA
IOH = –3.0 mA
IOH = *8.0 mA
IOH = *12 mA
IOH = *16 mA
IOH = *24 mA
IOH = *32 mA
1.65–5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC *0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.52
2.1
2.4
2.7
2.5
4.0
VCC *0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low–Level Output Voltage
VIN = VIH or VIL
IOL = 100 mA
IOL = 4.0 mA
IOL = 8.0 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65–5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.2
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN or VOUT = VCC or GND
0 to 5.5
$0.1
$1.0
mA
IOFF
Power Off–Output
Leakage Current
VOUT = 5.5 V
0
1.0
10
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
5.5
1.0
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
VCC
TA = 255C
*405C v TA v 855C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
Input A to Y
RL = 1.0 MW, CL = 15 pF
1.65
1.8
2.5
$ 0.2
3.3
$ 0.3
5.0
$ 0.5
2.0
2.0
1.0
1.0
0.5
9.1
7.6
5.0
3.7
3.1
15
12.5
9.0
6.3
5.2
2.0
2.0
1.0
1.0
0.5
15.6
13
9.5
6.5
5.5
ns
RL = 500 W, CL = 50 pF
3.3
$ 0.3
5.0
$ 0.5
1.5
0.8
4.4
3.7
7.2
5.9
1.5
0.8
7.5
6.2
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
9.0
pF
CPD
Power Dissi ation Ca acitance
10 MHz, VCC
3.3 V, VI
0 V or VCC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
9.0
11
F


Similar Part No. - NL27WZ17DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ17DFT2 ONSEMI-NL27WZ17DFT2 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NL27WZ17DFT2G ONSEMI-NL27WZ17DFT2G Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NL27WZ17DFT2G ONSEMI-NL27WZ17DFT2G Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
NL27WZ17DFT2G ONSEMI-NL27WZ17DFT2G Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
More results

Similar Description - NL27WZ17DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NL27WZ17 ONSEMI-NL27WZ17_04 Datasheet
53Kb / 6P
   Dual Non-Inverting Schmitt Trigger Buffer
March, 2004 ??Rev. 4
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
NLU3G17 ONSEMI-NLU3G17 Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com