Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7774F Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7774F
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7774F Datasheet(HTML) 2 Page - New Japan Radio

  NJU7774F Datasheet HTML 1Page - New Japan Radio NJU7774F Datasheet HTML 2Page - New Japan Radio NJU7774F Datasheet HTML 3Page - New Japan Radio NJU7774F Datasheet HTML 4Page - New Japan Radio NJU7774F Datasheet HTML 5Page - New Japan Radio NJU7774F Datasheet HTML 6Page - New Japan Radio NJU7774F Datasheet HTML 7Page - New Japan Radio NJU7774F Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJU7771/72/73/74/75/76
- 2 -
Ver.2004-01-19
!
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+10
V
Control Voltage
VCONT
+10(*note 1)
V
Power Dissipation
PD
200
mW
Operating Temperature
Topr
−40 ∼ +85
°C
Storage Temperature
Tstg
−40 ∼ +125
°C
OFF-state
Output Sink Current(*note2)
IO
10
mA
(*note 1): When input voltage is less than +10V, the absolute maximum control
voltage is equal to the input voltage.
(*note 2): This maximum rating is applied to NJU7774/75/76.
!
ELECTRICAL CHARACTERISTICS
(VIN=Vo+1V, CIN=0.1
µF, Co=1.0µF(Co=2.2µF: Vo≤2.0V), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
+1.0%
V
Input Voltage
VIN
2
Vo+1V
9
V
Quiescent Current
IQ
Io=0mA, VCONT=VIN
18
35
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
0.1
1
µA
Output Current
Io
Vo-0.1V (Vo
≤2.0V)
Vo-0.3V (Vo
≥2.1V)
150
mA
Short Current Limit
ILIM
Vo=0V
30
50
110
mA
Line Regulation
∆ Vo/∆ VIN
VIN=Vo+1V ∼ Vo+6.0V (Vo<3.0V)
VIN=Vo+1V ∼ 9.0V (Vo≥3.0V),
Io=30mA
0.20
%/V
Load Regulation
∆ Vo/∆ Io
Io=0
∼ 100mA
0.03
%/mA
Io=100mA, 2.1V
≤Vo≤2.4V
0.2
0.3
V
Io=100mA, 2.5V
≤Vo≤2.7V
0.18
0.28
V
Io=100mA, 2.8V
≤Vo≤3.3V
0.15
0.25
V
Dropout Voltage(*note 3)
∆ VI-O
Io=100mA, 3.4V
≤Vo≤5.0V
0.12
0.22
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz,Io=10mA,
Vo=3.0V Version
65
dB
Average Temperature
Coefficient of Output
Voltage
∆ Vo/∆ Ta Ta=0 ∼ 85°C, Io=10mA
±100
ppm/
°C
VNO1
f=10Hz
∼ 80kHz,Io=0mA,Vo=3.0V Version
40
µVrms
Output Noise Voltage
VNO2
f=10Hz
∼ 80kHz,Io=10mA,Vo=3.0V Version
70
µVrms
Pull-down Resistance
RCONT
2.5
5
10
M
Control Voltage for
ON-state
VCONT(ON)
1.6
V
Control Voltage for
OFF-state
VCONT(OFF)
0
0.3
V
(*note 3): Except output voltage less than 2.1V.
(*note 4): The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.


Similar Part No. - NJU7774F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU77701 NJRC-NJU77701 Datasheet
409Kb / 11P
   Wide-Band,High-Speed,Low-Offset,Low-Noise Rail-to-Rail Input/Output CMOS Operational Amplifier
ver.01
NJU77701F NJRC-NJU77701F Datasheet
409Kb / 11P
   Wide-Band,High-Speed,Low-Offset,Low-Noise Rail-to-Rail Input/Output CMOS Operational Amplifier
ver.01
NJU7777 NJRC-NJU7777 Datasheet
174Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2008-01-24
NJU7777F4 NJRC-NJU7777F4 Datasheet
174Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2008-01-24
NJU7777F4-03 NJRC-NJU7777F4-03 Datasheet
174Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2008-01-24
More results

Similar Description - NJU7774F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com