Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2720E Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2720E
Description  Single Ultra-High speed and Wide Band Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2720E Datasheet(HTML) 1 Page - New Japan Radio

  NJM2720E Datasheet HTML 1Page - New Japan Radio NJM2720E Datasheet HTML 2Page - New Japan Radio NJM2720E Datasheet HTML 3Page - New Japan Radio NJM2720E Datasheet HTML 4Page - New Japan Radio NJM2720E Datasheet HTML 5Page - New Japan Radio NJM2720E Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJM2720
-1-
Ver.2004-01-23
Single Ultra-High speed and Wide Band Operational Amplifier
■ GENERAL DESCRIPTION
The NJM2720 is single and ultra-high speed and wide band
operational amplifier.
The NJM2720 is 250V/µs slew rate and 150ohm load drive is possible,
at supply voltage of ±2.5V.
The NJM2720 is suitable for video signal processing, video line driver,
video buffer, pulse amplifiers, ADC input buffer, measuring instrument,
and digital communication.
■ FEATURES
●Operating Voltage
: ±2.5V to ±5.0V
●Slew Rate
: 250V/µs Typ. (at V+/V-=±2.5V, RL=150Ω)
●Unity-Gain
: 120MHz Typ.
●Output Voltage
: VOH= +1.4V Typ. (at V
+/V-=±2.5V, RL=150Ω)
: VOL = -1.4V Typ. (at V
+/V-=±2.5V, RL=150Ω)
●Offset Voltage
: 1.5mV Typ.
●Operating Current
: 9.0 mATyp.
●Adequate phase margin
: ΦM=60deg. Typ. (at RL=2kΩ, voltage follower)
●Bipolar Technology
●Package Outline
:EMP8
■ PIN CONFIGRATION
■ PACKAGE OUTLINE
EMP8
PIN FUNCTION.
1. NC
2. -INPUT
3. +INPUT
4. V
-
5. NC
6. OUTPUT
7. V
+
8. NC
1
2
3
4
8
7
6
5
(Top View)
NJM2720E


Similar Part No. - NJM2720E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722E NJRC-NJM2722E Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
NJM2723D NJRC-NJM2723D Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
More results

Similar Description - NJM2720E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
M2136 UTC-M2136 Datasheet
117Kb / 4P
   ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
   Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
New Japan Radio
NJM2116 NJRC-NJM2116 Datasheet
214Kb / 5P
   ULTRA WIDE BAND & HIGH SLEWRATE HEX OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC842A RENESAS-UPC842A Datasheet
638Kb / 9P
   Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier
2018.12.19
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com