Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5511279A-T1A Datasheet(PDF) 1 Page - NEC

Part # NE5511279A-T1A
Description  NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE5511279A-T1A Datasheet(HTML) 1 Page - NEC

  NE5511279A-T1A Datasheet HTML 1Page - NEC NE5511279A-T1A Datasheet HTML 2Page - NEC NE5511279A-T1A Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC'S 7.5 V UHF BAND
RF POWER SILICON LD-MOS FET
FEATURES
• HIGH OUTPUT POWER:
Pout = 40.0 dBm TYP., f = 900 MHz, VDS = 7.5 V,
Pout = 40.5 dBm TYP., f = 460 MHz, VDS = 7.5 V,
• HIGH POWER ADDED EFFICIENCY:
ηadd = 48% TYP., f = 900 MHz, VDS = 7.5 V,
ηadd = 50% TYP., f = 460 MHz, VDS = 7.5 V,
• HIGH LINEAR GAIN:
GL = 15.0 dB TYP., f = 900 MHz, VDS = 7.5 V,
GL = 18.5 dB TYP., f = 460 MHz, VDS = 7.5 V,
• SURFACE MOUNT PACKAGE:
5.7 x 5.7 x 1.1 mm MAX
• SINGLE SUPPLY:
VDS = 2.8 to 8.0 V
NE5511279A
DESCRIPTION
NEC's NE5511279A is an N-Channel silicon power laterally
diffused MOSFET specially designed as the transmission
power amplifier for 7.5 V radio systems. Die are manu-
factured using NEC's NEWMOS1 technology and housed in
a surface mount package. This device can deliver 40.0 dBm
output power with 48% power added efficiency at 900 MHz
using a 7.5 V supply voltage.
• UHF RADIO SYSTEMS
• CELLULAR REPEATERS
• TWO-WAY RADIOS
• FRS/GMRS
• FIXED WIRELESS
APPLICATIONS
California Eastern Laboratories
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TEST CONDITIONS
Pout
Output Power
38.5
40.0
dBm
f = 900 MHz, VDS = 7.5 V,
ID
Drain Current
2.5
APin = 27 dBm,
ηadd
Power Added Efficiency
42
48
%
IDSQ = 400 mA (RF OFF)
GL
Linear Gain
15.0
dB
Pin = 5 dBm
Pout
Output Power
40.5
dBm
f = 460 MHz, VDS = 7.5 V,
ID
Drain Current
2.75
APin = 25 dBm,
ηadd
Power Added Efficiency
50
%
IDSQ = 400 mA (RF OFF)
GL
Linear Gain
18.5
dB
Pin = 5 dBm
IGSS
Gate to Source Leak Current
−−
100
nA
VGS = 6.0 V
IDSS
Drain to Source Leakage Current
(Zero Gate Voltage Drain Current)
−−
100
nA
VDS = 8.5 V
Vth
Gate Threshold Voltage
1.0
1.5
2.0
V
VDS = 4.8 V, IDS = 1.5 mA
Rth
Thermal Resistance
5
°C/W
Channel to Case
gm
Transconductance
2.3
SVDS = 3.5 V, IDS = 900 mA
BVDSS
Drain to Source Breakdown Voltage
20
24
VIDSS = 15 µA
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
DC performance is 100% tested. RF performance is tested on several samples per wafer.
Wafer rejection criteria for standard devices is 1 reject for several samples.
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE 79A
(Bottom View)
3.6±0.2
1.5±0.2
0.8 MAX.
Source
Gate
Drain
0.4±0.15
5.7 MAX.
4.2 MAX.
Source
Gate
Drain


Similar Part No. - NE5511279A-T1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5511279A-T1A RENESAS-NE5511279A-T1A Datasheet
272Kb / 10P
   SILICON POWER MOS FET
2003
logo
California Eastern Labs
NE5511279A-T1A-A CEL-NE5511279A-T1A-A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
More results

Similar Description - NE5511279A-T1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
NE5511279A CEL-NE5511279A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
NEC
NE5520279A NEC-NE5520279A Datasheet
166Kb / 7P
   NECS 3.2 V, 2 W, L&S BAND MEDIUM POWER SILICON LD-MOSFET
logo
California Eastern Labs
NE552R479A CEL-NE552R479A Datasheet
495Kb / 9P
   NECs 3.0 V, 0.25 W L&S-BAND MEDIUM POWER SILICON LD-MOSFET
NE5520379A CEL-NE5520379A Datasheet
390Kb / 9P
   NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
UPD5702TU CEL-UPD5702TU Datasheet
176Kb / 4P
   NECs 2.4 GHz Si LD MOS POWER AMPLIFIER
logo
Mitsubishi Electric Sem...
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
   RF POWER MOS FET(VHF/UHF power amplifiers)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com