Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4704EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4704EUB
Description  Low-Voltage, 60廓,4:1 Analog Multiplexer in QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4704EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4704EUB Datasheet HTML 1Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 2Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 3Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 4Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 5Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 6Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 7Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 8Page - Maxim Integrated Products MAX4704EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Voltage, 60
,
4:1 Analog Multiplexer in QFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.3V, VIH = +1.4V, VIL = +0.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at V+ = +3V and
TA = +25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Signals on INH, ADD_, NO_, and COM exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current
to maximum current rating.
(Voltages Referenced to GND)
V+ .............................................................................-0.3V to +6V
All Other Pins (Note 1)................................ -0.3V to (V+ + 0.3V)
Continuous Current COM, NO_ ........................................±20mA
Peak Current COM, NO_
(pulsed at 1ms, 10% duty cycle)..................................±40mA
ESD per Method 3015.7.......................................................>2kV
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 4.7mW/°C above +70°C) ......... 330mW
12-Pin QFN (derate 11.9mW/°C above +70°C) ......... 952mW
Operating Temperature Range .......................... -40°C to +85°C
Storage Temperature Range ............................ -65°C to +150°C
Lead Temperature (soldering, 10s) ................................ +300°C
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM, VNO_
0V+
V
+25
°C50
60
On-Resistance
RON
V+ = +2.7V, ICOM = 5mA,
VNO_ = +1.3V
TMIN to TMAX
70
+25
°C1
3
On-Resistance Match
Between Channels (Note 4)
∆RON
V+ = +2.7V, ICOM = 5mA,
VNO_ = +1.3V
TMIN to TMAX
5
+25
°C3
5
On-Resistance Flatness
(Note 5)
RFLAT (ON)
V+ = +2.7V, ICOM = 5mA,
VNO_ = +1V, +1.3V, +1.8V
TMIN to TMAX
10
+25
°C
-0.1
±0.01
0.1
NO_ Off-Leakage
Current (Note 6)
INO_(OFF)
V+ = +3.3V, VCOM = +0.3V, +3V
VNO_ = +3V, +0.3V
TMIN to TMAX
-1
1
nA
+25
°C
-0.5
±0.01
0.5
COM On-Leakage Current
(Note 6)
ICOM(ON)
V+ = +3.3V, VCOM = +0.3V, +3V
VNO_ = +0.3V, +3V, or floating
TMIN to TMAX
-5
5
nA
+25
°C
-0.5
±0.01
0.5
COM Off-Leakage Current
(Note 6)
ICOM(OFF)
V+ = +3.3V, VCOM = +0.3V, +3V
VNO_ = +3V, +0.3V
TMIN to TMAX
-5
5
nA
DYNAMIC
+25
°C20
60
Address Transition Time
tTRANS
VNO_ = +1.5V, RL = 300
Ω,
CL = 35pF, Figure 2
TMIN to TMAX
70
ns
+25
°C25
60
Inhibit Turn-On Time
tON
VNO_ = +1.5V, RL = 300
Ω,
CL = 35pF, Figure 3
TMIN to TMAX
70
ns
+25
°C10
20
Inhibit Turn-Off Time
tOFF
VNO_ = +1.5V, RL = 300
Ω,
CL = 35pF, Figure 3
TMIN to TMAX
30
ns
+25
°C20
Break-Before-Make Time
(Note 7)
tBBM
VNO_ = +1.5V, RL = 300
Ω,
CL = 35pF, Figure 4
TMIN to TMAX
2
ns
Charge Injection
Q
VGEN = 0, RGEN = 0, CL = 1.0nF,
Figure 5
2pC


Similar Part No. - MAX4704EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4704EUB MAXIM-MAX4704EUB Datasheet
164Kb / 11P
   Low-Voltage, 60Ω, 4:1 Analog Multiplexer in QFN
Rev 1; 10/08
More results

Similar Description - MAX4704EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4704 MAXIM-MAX4704_08 Datasheet
164Kb / 11P
   Low-Voltage, 60Ω, 4:1 Analog Multiplexer in QFN
Rev 1; 10/08
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782 Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
SGM4782 SGMICRO-SGM4782 Datasheet
493Kb / 10P
   0.5廓, High Speed, Low Voltage Analog Switch / Multiplexer
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4734 MAXIM-MAX4734 Datasheet
328Kb / 11P
   0.8?? Low-Voltage, 4-Channel Analog Multiplexer
Rev 0; 4/02
logo
Vishay Siliconix
DG4157 VISHAY-DG4157_V01 Datasheet
197Kb / 11P
   Low Voltage, 1 廓 Single SPDT Analog Switch (1:2 Multiplexer) with Power Down Protection
08-Feb-17
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
logo
Maxim Integrated Produc...
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
   Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
   3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com