Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBSG72A Datasheet(PDF) 10 Page - ON Semiconductor

Part # NBSG72A
Description  2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG72A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NBSG72A Datasheet HTML 6Page - ON Semiconductor NBSG72A Datasheet HTML 7Page - ON Semiconductor NBSG72A Datasheet HTML 8Page - ON Semiconductor NBSG72A Datasheet HTML 9Page - ON Semiconductor NBSG72A Datasheet HTML 10Page - ON Semiconductor NBSG72A Datasheet HTML 11Page - ON Semiconductor NBSG72A Datasheet HTML 12Page - ON Semiconductor NBSG72A Datasheet HTML 13Page - ON Semiconductor NBSG72A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NBSG72A
http://onsemi.com
10
D0
Q1
D1
Non−Driven
Input
Q1
D1
D0
Input Signal
Q0
Logic
Low
Logic
Low
NBSG72A
Figure 6. Channel−to−Channel Crosstalk Isolation at Ambient Temperature
(D0 to Q0 and Q1 Signal Path Selected; SelA = Low, SelB = Low)
Xscale = 1 GHz/div
0dB
Q
Q
Q0
Non−Driven
Selected Output
Signal Path
SELA
SELB
−80
0
20
18
Measured Output
(VNA)
D0
Q1
D1
Non−Driven
Input
Q1
D1
D0
Input Signal
Q0
Logic
High
Logic
High
NBSG72A
Figure 7. Channel−to−Channel Crosstalk Isolation at Ambient Temperature
(D1 to Q0 and Q1 Signal Path Selected; SelA = High, SelB = High)
Xscale = 1 GHz/div
0dB
Q
Q
Q0
Non−Driven
Selected Output
Signal Path
SELA
SELB
Measured Output
(VNA)
−80
0
20
18


Similar Part No. - NBSG72A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMN ONSEMI-NBSG72AMN Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
More results

Similar Description - NBSG72A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG72AMNEVB ONSEMI-NBSG72AMNEVB Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
June, 2014 ??Rev. 8
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG72AMN ONSEMI-NBSG72AMN_14 Datasheet
658Kb / 16P
   2.5 V/3.3 V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Selec
June, 2014 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com