Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP56MN Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB100LVEP56MN
Description  2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP56MN Datasheet(HTML) 3 Page - ON Semiconductor

  NB100LVEP56MN Datasheet HTML 1Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 2Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 3Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 4Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 5Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 6Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 7Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 8Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NB100LVEP56
http://onsemi.com
3
D0b
SEL0
X
L
L
H
H
Table 2. TRUTH TABLE
Q0, Q0
a
b
b
a
a
SEL1
X
L
H
H
L
COM_SEL
H
L
L
L
L
Q1, Q1
a
b
a
a
b
17
18
16
15
14
13
12
4
3
56
78
9
11
10
19
20
2
1
NB100LVEP56
Q1
Q1
VCC
Q0
18
12
4
3
5
6
78
9
D0b
11
10
VCC
D0a
VEE SEL0
SEL1
2
1
D1a D1a
VCC
COM
SEL
VCC
17
16
15
14
13
VCC
19
24
23
22
20
21
NB100LVEP56
VEE
Q0
D0a
VBB0
VBB1
D1b
D1b
Exposed Pad
(EP)
D0b
D0b
D1a
Q0
SEL0
SEL1
Q1
Q1
VEE
D0a
Q0
D1a
D0a
COM_SEL
D1b
D1b
1
1
Figure 1. Logic Diagram
VCC
R1
R2
R1
R2
R1
R2
R1
R2
R1
R1
R1
R1
R1
R1
R1
Figure 2. TSSOP−20 Lead Pinout (Top View)
Figure 3. QFN−24 Lead Pinout (Top View)
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
(R1)
75 kW
Internal Input Pullup Resistor
(R2)
37 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
354 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - NB100LVEP56MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56MN ONSEMI-NB100LVEP56MN Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNG ONSEMI-NB100LVEP56MNG Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNG ONSEMI-NB100LVEP56MNG Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56MNR2 ONSEMI-NB100LVEP56MNR2 Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNR2G ONSEMI-NB100LVEP56MNR2G Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
More results

Similar Description - NB100LVEP56MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56_06 Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com