Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP56MN Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB100LVEP56MN
Description  2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP56MN Datasheet(HTML) 2 Page - ON Semiconductor

  NB100LVEP56MN Datasheet HTML 1Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 2Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 3Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 4Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 5Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 6Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 7Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 8Page - ON Semiconductor NB100LVEP56MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NB100LVEP56
http://onsemi.com
2
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Default
TSSOP
QFN
Name
I/O
Default
State
Description
14,20
3,9,18,19,
20
VCC
Positive Supply Voltage. All VCC Pins must be Externally
Connected to Power Supply to Guarantee Proper Operation.
11
15,24
VEE
Negative Supply Voltage. All VEE Pins must be Externally
Connected to Power Supply to Guarantee Proper Operation.
3,8
6,12
VBB0,
VBB1
ECL Reference Voltage Output
1
4
D0a
ECL Input
Low
Noninverted Differential Data a Input to MUX 0. Internal 75 kW to
VEE.
2
5
D0a
ECL Input
High
Inverted Differential Data a Input to MUX 0. Internal 75 kW to VEE
and 37 kW to VCC.
4
7
D0b
ECL Input
Low
Noninverted Differential Data b Input to MUX 0. Internal 75 kW to
VEE.
5
8
D0b
ECL Input
High
Inverted Differential Data b Input to MUX 0. Internal 75 kW to VEE
and 37 kW to VCC.
6
10
D1a
ECL Input
Low
Noninverted Differential Data a Input to MUX 1. Internal 75 kW to
VEE.
7
11
D1a
ECL Input
High
Inverted Differential Data a Input to MUX 1. Internal 75 kW to VEE
and 37 kW to VCC.
9
13
D1b
ECL Input
Low
Noninverted Differential Data b Input to MUX 1. Internal 75 kW to
VEE.
10
14
D1b
ECL Input
High
Inverted Differential Data b Input to MUX 1. Internal 75 kW to VEE
and 37 kW to VCC.
19
2
Q0
ECL Output
Noninverted Differential Output MUX 0. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
18
1
Q0
ECL Output
Inverted Differential Output MUX 0. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
13
17
Q1
ECL Output
Noninverted Differential Output MUX 1. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
12
16
Q1
ECL Output
Inverted Differential Output MUX 1. Typically Terminated with
50 W to VTT = VCC − 2.0 V.
17
23
SEL0
ECL, CMOS
Input
Low
Noninverted Differential Select Input to MUX 0. Internal 75 W to
VEE.
16
22
COM_SEL
ECL, CMOS
Input
Low
Noninverted Differential Common Select Input to Both MUX.
Internal 75 W to VEE.
15
21
SEL1
ECL, CMOS
Input
Low
Noninverted Differential Select Input to MUX 1. Internal 75 W to
VEE.
N/A
EP
Exposed Pad. (Note 1)
1. The thermally conductive exposed pad on the package bottom (see case drawing) must be attached to a heat sinking conduit.


Similar Part No. - NB100LVEP56MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56MN ONSEMI-NB100LVEP56MN Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNG ONSEMI-NB100LVEP56MNG Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNG ONSEMI-NB100LVEP56MNG Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56MNR2 ONSEMI-NB100LVEP56MNR2 Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
NB100LVEP56MNR2G ONSEMI-NB100LVEP56MNR2G Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
More results

Similar Description - NB100LVEP56MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56_06 Datasheet
150Kb / 10P
   2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com