Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1202Y3 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MSC1202Y3
Description  Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MSC1202Y3 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button MSC1202Y3 Datasheet HTML 3Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 4Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 5Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 6Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 7Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 8Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 9Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 10Page - Burr-Brown (TI) MSC1202Y3 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
MSC1201
MSC1202
SBAS317B − APRIL 2004 − REVISED JANUARY 2005
www.ti.com
7
DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V
All specifications from TMIN to TMAX, unless otherwise specified.
MSC1201Yx, MSC1202Yx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Power-Supply Requirements
DVDD
2.7
3.0
3.6
V
Normal Mode, fOSC = 1MHz
0.6
mA
Digital Power-Supply Current
Normal Mode, fOSC = 8MHz, All Peripherals ON
5
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (12.8MHz nominal)
7.1
mA
Stop Mode, External Clock OFF
100
nA
DVDD
4.75
5.0
5.25
V
Normal Mode, fOSC = 1MHz
1.2
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
9
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (12.8MHz nominal)
15
mA
Digital Power-Supply Current
Internal Oscillator HF Mode (25.6MHz nominal)
29
mA
Stop Mode, External Clock OFF
100
nA
Digital Input/Output (CMOS)
Logic Level
VIH (except XIN pin)
0.6
• DVDD
DVDD
V
Logic Level
VIL (except XIN pin)
DGND
0.2
• DVDD
V
Ports 1 and 3, Input Leakage Current, Input Mode
VIH = DVDD or VIH = 0V
0
µA
I/O Pin Hysteresis
700
mV
VOL, Ports 1 and 3, All Output Modes
IOL = 1mA
DGND
0.4
V
VOL, Ports 1 and 3, All Output Modes
IOL = 30mA, 3V (20mA)
1.5
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 1mA
DVDD − 0.4
DVDD − 0.1
DVDD
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 30mA, 3V (20mA)
DVDD − 1.5
V
Ports 1 and 3, Pull-Up Resistors
11
k
FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V
tUSEC = 1µs and tMSEC = 1ms
MSC1201Yx, MSC1202Yx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Flash Memory Endurance
100,000
1,000,000
cycles
Flash Memory Data Retention
100
Years
Mass and Page Erase Time
Set with FER Value in FTCON, from TMIN to TMAX
10
ms
Flash Memory Write Time
Set with FWR Value in FTCON
30
40
µs


Similar Part No. - MSC1202Y3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1202Y3 TI1-MSC1202Y3 Datasheet
1Mb / 93P
[Old version datasheet]   MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
MSC1202Y3RHHR TI1-MSC1202Y3RHHR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1202Y3RHHR TI-MSC1202Y3RHHR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1202Y3RHHR TI1-MSC1202Y3RHHR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202Y3RHHRG4 TI1-MSC1202Y3RHHRG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
More results

Similar Description - MSC1202Y3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210_08 Datasheet
910Kb / 94P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI1-MSC1210_14 Datasheet
909Kb / 95P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1210 TI-MSC1210 Datasheet
652Kb / 83P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) with 8051 Microcontroller and Flash Memory
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com