Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR18R1628EG0-CK8 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # MR18R1628EG0-CK8
Description  Key Timing Parameters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR18R1628EG0-CK8 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button MR18R1628EG0-CK8 Datasheet HTML 7Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 8Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 9Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 10Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 11Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 12Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 13Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 14Page - Samsung semiconductor MR18R1628EG0-CK8 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Page 10
MR16R1624(8/G)EG0
MR18R1624(8/G)EG0
Version 1.0 May 2004
Figure 3: 256Mb/288Mb base RIMM Module PCB Physical Dimensions
Physical Dimensions -1 ( For PCB )
The following defines the RIMM module dimensions. All units are in millimeters with inches in brackets[ ], where appropriate.
The dimensions without tolerance specification use the default tolerance of
±0.127[±0.005].
133.35
±0.127[5.250±0.005]
45.00[1.772]
1.00[0.039]
5.68[0.2236]
11.50[0.453]
45.00[1.772]
78.175[3.078]
55.175
±0.08[2.172±0.003]
7.468[0.294]
4.50[0.177]
A-1
A-92
DETAIL A
DETAIL B
B-1
0.80
±0.10
0.15
±0.10
2.99
±0.05
[0.031
±0.004]
[0.006
±0.004]
[0.12
±0.002]
DETAIL A
3.00
±0.10
2.00
±0.10
DETAIL B
[0.12
±0.004]
[0.079
±0.004]
Min.4.88
[0.192]
R 1.00
1.00[0.039]
3.00[0.118]
6.35[0.25]
R 2.00
COMPONENT AREA
(A SIDE)
DIA 2.44
120.65[4.75]
COMPONENT AREA
(B SIDE)
4.00
±0.15
[0.157
±0.006]
Note : The gray area above represents the contact surface of the heat spreader.
+
+
Min.6.35[0.25]
+
Heat spreader
B-92
8.60[0.339]
133.35
±0.127[5.250±0.005]
45.00[1.772]
1.00[0.039]
5.68[0.2236]
11.50[0.453]
45.00[1.772]
78.175[3.078]
55.175
±0.08[2.172±0.003]
7.468[0.294]
4.50[0.177]
A-1
A-92
DETAIL A
DETAIL B
B-1
0.80
±0.10
2.99
±0.05
[0.031
±0.004]
[0.12
±0.002]
DETAIL A
3.00
±0.10
2.00
±0.10
DETAIL B
[0.12
±0.004]
[0.079
±0.004]
Min.4.88
[0.192]
R 1.00
1.00[0.039]
3.00[0.118]
6.35[0.25]
R 2.00
COMPONENT AREA
(A SIDE)
DIA 2.44
120.65[4.75]
COMPONENT AREA
(B SIDE)
4.00
±0.15
[0.157
±0.006]
Note : The gray area above represents the contact surface of the heat spreader.
+
+
Min.6.35[0.25]
+
Heat spreader
B-92
8.60[0.339]
Min.6.35[0.25]
Min.6.35[0.25]


Similar Part No. - MR18R1628EG0-CK8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R1628AF0-CK8 SAMSUNG-MR18R1628AF0-CK8 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
MR18R1628AF0-CM8 SAMSUNG-MR18R1628AF0-CM8 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
MR18R1628AF1-CN9 SAMSUNG-MR18R1628AF1-CN9 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
MR18R1628AF1-CT9 SAMSUNG-MR18R1628AF1-CT9 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
More results

Similar Description - MR18R1628EG0-CK8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR16R1622DF0 SAMSUNG-MR16R1622DF0 Datasheet
442Kb / 16P
   Key Timing Parameters
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
   Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241_10 Datasheet
162Kb / 4P
   Spread Spectrum Tolerance Support Three key parameters, frequency
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com