Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C1009 Datasheet(PDF) 2 Page - Austin Semiconductor

Part # MT5C1009
Description  128K x 8 SRAM WITH CHIP & OUTPUT ENABLE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1009 Datasheet(HTML) 2 Page - Austin Semiconductor

  MT5C1009 Datasheet HTML 1Page - Austin Semiconductor MT5C1009 Datasheet HTML 2Page - Austin Semiconductor MT5C1009 Datasheet HTML 3Page - Austin Semiconductor MT5C1009 Datasheet HTML 4Page - Austin Semiconductor MT5C1009 Datasheet HTML 5Page - Austin Semiconductor MT5C1009 Datasheet HTML 6Page - Austin Semiconductor MT5C1009 Datasheet HTML 7Page - Austin Semiconductor MT5C1009 Datasheet HTML 8Page - Austin Semiconductor MT5C1009 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SRAM
MT5C1009
Austin Semiconductor, Inc.
MT5C1009
Rev. 5.5 8/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
FUNCTIONAL BLOCK DIAGRAM
NOTE: The two least significant row address bits (A8 and A6) are encoded using gray code.
TRUTHTABLE
262,144-BIT
MEMORY ARRAY
VCC
GND
DQ8
DQ1
CE\
OE\
WE\
A0
A1
A2
A3
A4
A5
A6
A7
A12
COLUMN DECODER
A8 A9 A10 A11 A13 A14 A15 A16
POWER
DOWN
CE\
WE\
OE\
MODE
I/O PIN
SUPPLY CURRENT
H
X
X
Not Selected
High-Z
ISBT2, ISBC2
X
X
X
Not Selected
High-Z
ISBT2, ISBC2
L
H
H
Output Disable
High-Z
ICC
L
H
L
Read
DOUT
ICC
L
L
X
Write
DIN
ICC


Similar Part No. - MT5C1009

ManufacturerPart #DatasheetDescription
logo
Micross Components
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
More results

Similar Description - MT5C1009

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
MT5C1008 AUSTIN-MT5C1008 Datasheet
187Kb / 17P
   128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
STMicroelectronics
M616Z08 STMICROELECTRONICS-M616Z08 Datasheet
95Kb / 14P
   128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
AMIC Technology
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com