Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXH6300AC6T1 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPXH6300AC6T1
Description  HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXH6300AC6T1 Datasheet(HTML) 7 Page - Motorola, Inc

  MPXH6300AC6T1 Datasheet HTML 1Page - Motorola, Inc MPXH6300AC6T1 Datasheet HTML 2Page - Motorola, Inc MPXH6300AC6T1 Datasheet HTML 3Page - Motorola, Inc MPXH6300AC6T1 Datasheet HTML 4Page - Motorola, Inc MPXH6300AC6T1 Datasheet HTML 5Page - Motorola, Inc MPXH6300AC6T1 Datasheet HTML 6Page - Motorola, Inc MPXH6300AC6T1 Datasheet HTML 7Page - Motorola, Inc MPXH6300AC6T1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Motorola Sensor Device Data
MPXH6300A SERIES
SUPER SMALL OUTLINE PACKAGE DIMENSIONS (CONTINUED)
CASE 1317A–01
ISSUE A
0.025
0.130
0.050
A
M
0.004
B
C
0.390
0.325
A
B
C
NOTES:
1. ALL DIMENSIONS ARE IN INCHES.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M-1994.
3. DIMENSIONS DO NOT INCLUDE MOLD FLASH OR
PROTRUSIONS. MOLD FLASH OR PROTRUSIONS
SHALL NOT EXCEED .006 INCHES PER SIDE.
4. ALL VERTICAL SURFACES TO BE 5° MAXIMUM.
5. DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE .008 INCHES MAXIMUM.
0.004
A
0.006
B
C
GAGE
PLANE
DETAIL E
0.048
0.010
.014
8X
0.014
2X
DETAIL E
SEATING
PLANE
0.018
0.345
0.325
0.345
0.400
0.420
5
0.110
0.370
0.002
0.038
°
10
0
°
0.200
0.180
0.280
A
B
0.300
0.280
0.300
3
3
BOTTOM VIEW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPXH6300AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXH6300AC6T1 FREESCALE-MPXH6300AC6T1 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results

Similar Description - MPXH6300AC6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6400A FREESCALE-MPXH6400A Datasheet
191Kb / 8P
   High Temperature Accuracy integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A Datasheet
288Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6250A FREESCALE-MPXH6250A_09 Datasheet
192Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MP3H6115A FREESCALE-MP3H6115A_09 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com