Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC755BRX350LE Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC755BRX350LE
Description  RISC Microprocessor Hardware Specifications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755BRX350LE Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC755BRX350LE Datasheet HTML 7Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 8Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 9Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 10Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 11Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 12Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 13Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 14Page - Motorola, Inc MPC755BRX350LE Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
11
Electrical and Thermal Characteristics
Table 6 provides the DC electrical characteristics for the MPC755.
Table 5. Thermal Sensor Specifications
At recommended operating conditions (see Table 3)
Characteristic
Min
Max
Unit
Notes
Temperature range
0
127
°C
1
Comparator settling time
20
µs
2, 3
Resolution
4
°C
3
Accuracy
–12
+12
°C
3
Notes:
1. The temperature is the junction temperature of the die. The thermal assist unit’s raw output does not indicate an absolute temperature, but
must be interpreted by software to derive the absolute junction temperature. For information about the use and calibration of the TAU, see
Freescale Application Note AN1800/D, Programming the Thermal Assist Unit in the MPC750 Microprocessor.
2. The comparator settling time value must be converted into the number of CPU clocks that need to be written into the THRM3 SPR.
3. Guaranteed by design and characterization.
Table 6. DC Electrical Specifications
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus Voltage
1
Symbol
Min
Max
Unit
Notes
Input high voltage (all inputs except SYSCLK)
2.5
VIH
1.6
(L2)OVDD + 0.3
V
2, 3
3.3
VIH
2.0
(L2)OVDD + 0.3
V
2, 3
Input low voltage (all inputs except SYSCLK)
2.5
VIL
–0.3
0.6
V
2
3.3
VIL
–0.3
0.8
V
SYSCLK input high voltage
2.5
KVIH
1.8
OVDD + 0.3
V
3.3
KVIH
2.4
OVDD + 0.3
V
SYSCLK input low voltage
2.5
KVIL
–0.3
0.4
V
3.3
KVIL
–0.3
0.4
V
Input leakage current,
Vin = L2OVDD/OVDD
Iin
—10
µA
2, 3
High-Z (off-state) leakage current,
Vin = L2OVDD/OVDD
ITSI
—10
µA
2, 3, 5
Output high voltage, IOH = –6 mA
2.5
VOH
1.7
V
3.3
VOH
2.4
V
Output low voltage, IOL = 6 mA
2.5
VOL
—0.45
V
3.3
VOL
—0.4
V


Similar Part No. - MPC755BRX350LE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC755 NXP-MPC755 Datasheet
497Kb / 8P
   MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC755xxxnnnLE Series
Rev. 0.1, 02/2006
MPC755 NXP-MPC755 Datasheet
507Kb / 8P
   MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
MPC755 NXP-MPC755 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
MPC755ECS02AD NXP-MPC755ECS02AD Datasheet
507Kb / 8P
   MPC755 RISC Microprocessor Hardware Specifications Addendum for the XPC7n5BxxnnnLD Series
Rev. 2.1, 02/2006
More results

Similar Description - MPC755BRX350LE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
   RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
   RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
logo
Freescale Semiconductor...
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
   RISC Microprocessor Hardware Specifications
MPC7448 FREESCALE-MPC7448 Datasheet
1Mb / 60P
   RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com