Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M56781FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M56781FP
Description  2-CHANNEL ACTUATOR MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56781FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M56781FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56781FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-CHANNEL ACTUATOR MOTOR DRIVER
M56781FP
MITSUBISHI <CONTROL / DRIVER IC>
PIN CONFIGURATION (TOP VIEW)
DESCRIPTION
The M56781FP is a semiconductor IC developed as the motor
driver used DVD, DVD-ROM, CD-ROM and CD Player.
This device include 2 channel BTL drivers and can drive 2
actuators with one IC at the same time.
Also, the mute circuit, thermal protection circuit and VREF voltage
monitor circuit functions are included.
FEATURES
q Low output saturation voltage (typ. 1.35V at 0.5A).
q Wide operating supply voltage range (4.5 – 15V).
q High current drive capability (maximum 0.9A).
q Low crossover distortion.
q High frequency capability.
APPLICATION
DVD, DVD-ROM, CD-ROM, CD-PLAYER
BLOCK DIAGRAM
Outline 24P2Q-A
VCC1
CH1
MUTE
TSD
MUTE2A
MUTE1
GND
CH2
MUTE
VCC2
+
-
CH1
VCC1
VM1+
VM1-
CTL1-
Vrefm
5k
+
-
5k
5k
5k
CTL1+
PA
PA
+-
A1
25k
25k
25k
25k
+
-
CH2
VCC2
VM2+
VM2-
Vrefm
5k
+
-
5k
5k
5k
CTL2+
PA
PA
25k
25k
25k
25k
CTL2-
+
-
A2
CTL2OUT
×5
×5
×5
×5
TSDS
+-
A3
IN+
IN-
OPOUT
CTL1OUT
VREF
5
14
11
15
17
16
8
9
10
19
21
20
22
23
4
18
6
7
3
MUTE2B
H
: Mute On
L, Open : Mute Off
2
H, H
Mute On
VCC2
VCC2
+
-
1.4V
VCC2
2
VCC1
2
GND
VCC1
OPOUT
IN+
VCC2
VM2+
VM1+
IN-
MUTE2B
MUTE1
MUTE2A
GND
CTL1OUT
GND
VM2-
CTL2OUT
CTL2+
CTL2-
CTL1-
CTL1+
VM1-
TSDS
VREF
GND
24
21
22
23
1
4
3
2
20
5
19
6
18
7
17
8
16
9
15
10
11
12
14
13


Similar Part No. - M56781FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56783 MITSUBISHI-M56783 Datasheet
430Kb / 13P
   3 CHANNEL ACTUATOR DRIVER
M56783AFP MITSUBISHI-M56783AFP Datasheet
430Kb / 13P
   3 CHANNEL ACTUATOR DRIVER
M56784 MITSUBISHI-M56784 Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
More results

Similar Description - M56781FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
logo
List of Unclassifed Man...
L9110 ETC2-L9110 Datasheet
313Kb / 5P
   2-CHANNEL MOTOR DRIVER
logo
Rohm
BA6191 ROHM-BA6191 Datasheet
99Kb / 6P
   2-channel reversible-motor driver
BA6259N ROHM-BA6259N Datasheet
66Kb / 5P
   2-channel reversible motor driver
BA6193 ROHM-BA6193 Datasheet
104Kb / 7P
   2-channel reversible-motor driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com