Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5190 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5190
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5190 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5190 Datasheet HTML 2Page - Micrel Semiconductor MIC5190 Datasheet HTML 3Page - Micrel Semiconductor MIC5190 Datasheet HTML 4Page - Micrel Semiconductor MIC5190 Datasheet HTML 5Page - Micrel Semiconductor MIC5190 Datasheet HTML 6Page - Micrel Semiconductor MIC5190 Datasheet HTML 7Page - Micrel Semiconductor MIC5190 Datasheet HTML 8Page - Micrel Semiconductor MIC5190 Datasheet HTML 9Page - Micrel Semiconductor MIC5190 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MIC5190
Micrel
April, 2004
6
M9999-042804
Functional Diagram
Figure 1. MIC5190 Block Diagram
Functional Description
VIN
The VIN pin is connected to the N-Channel drain. VIN is the
input power being supplied to the output. This pin is also used
to power the internal current limit comparator and compare
the ISENSE voltage for current limit. The voltage range is
from 0.9V min to 5.5V max.
ISENSE
The ISENSE pin is the other input to the current limit com-
parator. The output current is limited when the ISENSE pin's
voltage is 50mV less than the VIN pin. In cases where there
is a current limited source and there isn’t a need for current
limit, this pin can be tied directly to VIN. Its operating voltage
range, like the VIN pin, is 0.9V min to 5.5V max.
VCC1, VCC2
VCC1 supplies the error amplifier and internal reference,
while VCC2 supplies the output gate drive. For this reason,
ensure these pins have good input capacitor bypassing for
better performance. The operating range is from 4.5V to
13.2V and both VCC pins should be tied together. Ensure that
the voltage supplied is greater than a gate-source threshold
above the output voltage for the N-Channel MOSFET se-
lected.
Output
The output drives the external N-Channel MOSFET and is
powered from V
CC. The output can sink and source over
150mA of current to drive either an N-Channel MOSFET or an
external NPN transistor. The output drive also has short
circuit current protection.
Enable
The MIC5190 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable pin low
disables the regulator and sends it into a low off-mode-
current state. Forcing the enable pin high enables the output
voltage. The enable pin cannot be left floating; a floating
enable pin may cause an indeterminate state on the output.
FB
The feedback pin is used to sense the output voltage for
regulation. The feedback pin is compared to an internal 0.5V
reference and the output adjusts the gate voltage accordingly
to maintain regulation. Since the feedback biasing current is
typically 13
µA, smaller feedback resistors should be used to
minimize output voltage error.
COMP
COMP is the external compensation pin. This allows com-
plete control over the loop to allow stability for any type of
output capacitor, load currents and output voltage. A detailed
explanation of how to compensate the MIC5190 is in the
“Designing with the MIC5190” section.
SGND, PGND
SGND is the internal signal ground which provides an iso-
lated ground path from the high current output driver. The
signal ground provides the grounding for noise sensitive
circuits such as the current limit comparator, error amplifier
and the internal reference voltage.
PGND is the power ground and is the grounding path for the
output driver.
OUTPUT
CONTROL
AND
LEVEL
SHIFT
CURRENT LIMIT
AMPLIFIER
ERROR
AMPLIFIER
ENABLE
VIN
IS
VCC2
OUT
PGND
FB
0.5V
50mV
SGND
EN
VCC1
COMP
INTERNAL
VOLTAGE
REGULATOR


Similar Part No. - MIC5190

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5190 MICREL-MIC5190 Datasheet
469Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190BML MICREL-MIC5190BML Datasheet
469Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190BMM MICREL-MIC5190BMM Datasheet
469Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190YML MICREL-MIC5190YML Datasheet
469Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190YMM MICREL-MIC5190YMM Datasheet
469Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
More results

Similar Description - MIC5190

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5191 MICREL-MIC5191_06 Datasheet
849Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC5191 MICREL-MIC5191 Datasheet
182Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5191 MICREL-MIC5191_11 Datasheet
850Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC5190 MICREL-MIC5190_04 Datasheet
469Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC59300 MICREL-MIC59300 Datasheet
443Kb / 15P
   Ultra High Speed 3A LDO
logo
Torex Semiconductor
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
logo
Hittite Microwave Corpo...
HMC980LP4E_1109 HITTITE-HMC980LP4E_1109 Datasheet
1Mb / 22P
   ACTIVE BIAS CONTROLLER HIGH CURRENT
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com