Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHVIC2114R2 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MHVIC2114R2
Description  RF LDMOS Wideband Integrated Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHVIC2114R2 Datasheet(HTML) 6 Page - Motorola, Inc

  MHVIC2114R2 Datasheet HTML 1Page - Motorola, Inc MHVIC2114R2 Datasheet HTML 2Page - Motorola, Inc MHVIC2114R2 Datasheet HTML 3Page - Motorola, Inc MHVIC2114R2 Datasheet HTML 4Page - Motorola, Inc MHVIC2114R2 Datasheet HTML 5Page - Motorola, Inc MHVIC2114R2 Datasheet HTML 6Page - Motorola, Inc MHVIC2114R2 Datasheet HTML 7Page - Motorola, Inc MHVIC2114R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MHVIC2114R2
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
3rd Order
5th Order
34
−65
−30
17
2170 MHz
Pout, OUTPUT POWER (dBm)
Figure 9. W-CDMA ACPR versus Output Power
VDD = 27 Vdc
3GPP Test Model 1
64 DPCH
2110 MHz
2140 MHz
18
20
22 23
25
27
29
31 32
−35
−40
−45
−55
−50
−60
2300
−90
−20
2000
IDQ3 = 100 mA
122 mA
f, FREQUENCY (MHz)
Figure 10. Two-Tone Intermodulation
Distortion Products versus Frequency
VDD = 27 Vdc
Pout = 23 dBm Two−Tone Avg.
Tone Spacing = 100 kHz
2250
2200
2150
2100
2050
−30
−50
−40
−60
−80
100 mA
111 mA
110
−80
−10
0
3rd Order
TONE SPACING (MHz)
Figure 11. Two-Tone Intermodulation Distortion
Products versus Tone Spacing
VDD = 27 Vdc, f = 2140 MHz
Pout = 7.5 W, Two−Tone Avg.
7th Order
−20
−30
−40
−50
−60
−70
30
10
60
80
100
3.25
7
−40
VBIAS1
T, TEMPERATURE (C)
Figure 12. Fixture Bias versus Temperature
VDD = 27 Vdc, f = 2140 MHz
R1 = R2 = R3 = 1000 Ohms
−20
0
20
40
60
80
6.75
6.5
6
5.75
5.5
5
4.75
4.25
4
3.75
3.5
VBIAS3
T, TEMPERATURE (C)
Figure 13. Gate Bias versus Temperature
100
3.5
4.5
−40
VGS1 & VGS2
VDD = 27 Vdc, f = 2140 MHz
R1 = R2 = R3 = 1000 Ohms
−30 −20 −10
0
10 20
30
40
50
60 70
80 90
4.4
4.3
4.2
4.1
4
3.9
3.8
3.7
3.6
VGS3
0
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
IGS1 & IGS2
IGS3
33
30
28
26
24
21
19
122 mA
111 mA
−70
5th Order
IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA
20
50
40
70
90
100
6.25
5.25
4.5
3
VBIAS2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MHVIC2114R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
More results

Similar Description - MHVIC2114R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com