Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1806EUA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1806EUA
Description  500mA, Low-Voltage Linear Regulator in UMAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1806EUA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1806EUA Datasheet HTML 2Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 3Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 9Page - Maxim Integrated Products MAX1806EUA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
500mA, Low-Voltage Linear Regulator in µMAX
_______________________________________________________________________________________
9
response graphs (see Typical Operating Characteris-
tics) show two components of the output response: a
DC shift from the output impedance due to the load
current change, and the transient response. A typical
transient overshoot for a step change in the load cur-
rent from 5mA to 500mA is 40mV. Increasing the output
capacitor’s value and decreasing the ESR attenuates
the overshoot.
Input-Output (Dropout) Voltage
A regulator’s minimum input-to-output voltage differen-
tial (dropout voltage) determines the lowest usable sup-
ply voltage. In battery-powered systems, this
determines the useful end-of-life battery voltage.
Because the MAX1806 uses a P-channel MOSFET pass
transistor, its dropout voltage is a function of drain-to-
source on-resistance (RDS(ON)) multiplied by the load
current (see Typical Operating Characteristics):
VDROPOUT = VIN - VOUT = RDS(ON) IOUT
Chip Information
TRANSISTOR COUNT: 949
OUT
OUT
SET
GND
IN
IN
SHDN
POK
COUT
10
µF
VOUT
VOUT
CIN
1
µF
ON
OFF
R2
R1 = R2
- 1
0.8V
MAX1806
R1
VIN
+2.25V TO +5.5V
Figure 2. Adjustable Output Using External Feedback Resistors
Figure 3. Power Operating Regions: Maximum Output Current
vs. Supply Voltage
0
0.2
0.1
0.3
0.6
0.7
0.5
0.4
0.8
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V)
POWER-
µMAX PACKAGE OPERATING
REGION AT TJ(MAX) = +150
°C
TA = +85
°C
TA = +70
°C
TA = +50
°C
CONTINUOUS CURRENT LIMIT
TYPICAL VDROPOUT LIMIT


Similar Part No. - MAX1806EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18066 MAXIM-MAX18066 Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
MAX18066EWE++ MAXIM-MAX18066EWE+ Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results

Similar Description - MAX1806EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
logo
Unisonic Technologies
LR1125 UTC-LR1125 Datasheet
334Kb / 7P
   500mA, LOW-VOLTAGE LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX1935 MAXIM-MAX1935 Datasheet
245Kb / 10P
   500mA, Low-Voltage Linear Regulator in Tiny QFN
Rev 0; 10/02
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
   Low Input Voltage 500mA Linear Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com