Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1806EUA08 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1806EUA08
Description  500mA, Low-Voltage Linear Regulator in UMAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1806EUA08 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1806EUA08 Datasheet HTML 1Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 2Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 3Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 4Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 5Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 6Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 7Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 8Page - Maxim Integrated Products MAX1806EUA08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
500mA, Low-Voltage Linear Regulator in µMAX
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(MAX1806EUA33, VIN = VOUT + 500mV, SHDN = IN, CIN = 1µF, COUT = 10µF, TA = +25°C, unless otherwise noted.)
100
200
150
300
250
350
400
450
500
0
200 300
100
400 500 600 700 800
GROUND-PIN CURRENT vs.
LOAD CURRENT
LOAD CURRENT (A)
VIN = 5.5V
VIN = 3.8V
150
160
180
170
190
200
-40
10
-15
35
60
85
GROUND-PIN CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
VIN = VOUT + 500mV
IOUT = 0
-60
0.01
0.1
1
10
100
1000
-50
-40
-30
-20
-10
0
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
COUT = 10
µF
IOUT = 50mA
10
0.001
0.1
1
100
1000
OUTPUT SPECTRAL NOISE DENSITY
vs. FREQUENCY
0.01
0.1
1
FREQUENCY (kHz)
10
COUT = 10
µF
IOUT = 50mA
OUTPUT NOISE DC TO 1MHz
MAX1806 toc11
20ms/div
VOUT
1mV/div
VOUT = 3.3V
ROUT = 66
Ω (50mA)
0.01
0
200
100
400
600
800
700
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
0.1
1
10
100
FREQUENCY (kHz)
300
500
COUT = 10
µF
STABLE REGION
LOAD-TRANSIENT RESPONSE
MAX1806 toc13
10
µs/div
IOUT
200mA/div
VOUT
20mV/div
VIN = VOUT + 500mV
CIN = 10
µF
ROUT = 660
Ω TO 6.6Ω (5mA TO 500mA)


Similar Part No. - MAX1806EUA08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX18066 MAXIM-MAX18066 Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
MAX18066EWE++ MAXIM-MAX18066EWE+ Datasheet
1Mb / 22P
   High-Efficiency, 4A, Step-Down DC-DC Regulators with Internal Power Switches
19-100202; Rev 0; 11/17
More results

Similar Description - MAX1806EUA08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
logo
Unisonic Technologies
LR1125 UTC-LR1125 Datasheet
334Kb / 7P
   500mA, LOW-VOLTAGE LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX1935 MAXIM-MAX1935 Datasheet
245Kb / 10P
   500mA, Low-Voltage Linear Regulator in Tiny QFN
Rev 0; 10/02
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
   Low Input Voltage 500mA Linear Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com