Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2140ETH Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2140ETH
Description  Complete SDARS Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2140ETH Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2140ETH Datasheet HTML 4Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 5Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 6Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 7Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 8Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 9Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 10Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 11Page - Maxim Integrated Products MAX2140ETH Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Complete SDARS Receiver
______________________________________________________________________________________
11
F19 to F16 is the upper-part binary-written main
dividing ratio, fractional part multiplied by 220 =
1,048,576.
BYTES PLLfrac1 and PLLfrac0:
F15 to F0 is the lower-part binary-written main divid-
ing ratio, fractional part multiplied by 220 = 1,048,576.
BYTE Control:
REF = reference division ratio: REF = 0 (/1) and REF
= 1 (/2)
CHP = charge-pump current: CHP = 0 (0.6mA) and
CHP = 1 (1.2mA)
D48 = LO division ratio: D48 = 0 (/4) and D48 = 1 (/8)
SDR = shutdown RF AGC: SDR = 0 (on) and SDR =
1 (shutdown)
ANT = antenna overcurrent protection: ANT = 0 (on)
and ANT = 1 (shutdown)
SDF = shutdown front end: SDF = 0 (on) and SDF =
1 (shutdown)
SDB = shutdown back end: SDB = 0 (on) and SDB =
1 (shutdown)
SDP = shutdown PLL: SDP = 0 (on) and SDP = 1
(shutdown)
BYTE CustomGain:
RF4/RF3/RF2/RF1/RF0 = RF AGC engagement
threshold (dBm): see the RF AGC Settling Time
graph in the Typical Operating Characteristics.
LP1/LP0 = change by 250kHz the LPF corner fre-
quency: LP1/LP0 = 10 (nominal), LP1/LP0 = 11
(decrease), LP1/LP0 = 00 (increase)
HPF = HPF gain increase by 4dB: HPF = 0 (off) and
HPF = 1 (on)
BYTE PMA_Test:
PM3/PM2/PM1/PM0 = PMA gain cutback (dB):
PM3/PM2/PM1/PM0DEC
SDX = shutdown reference buffer: SDX = 0 (on) and
SDX = 1 (shutdown)
T2/T1/T0 = test bits: 000 (normal), 001 (main divi-
sion), 010 (reference division), 011 (reserved),
100 (CHP low-Z), 101 (CHP source on), 110 (CHP
sink on), 111 (CHP high-Z)
BYTE LPFTrim:
B4/B3/B2/B2A/B1 = Reserved for LPF trim. All = 0 in
normal operating mode
IOT = LPF corner frequency setup: IOT = 0 (default
factory trim) and IOT = 1 (controllable through I2C).
IOT = 0 in normal operating mode
BYTE Status:
RF AGC = RF AGC status: RF AGC = 0 (is not
engaged) and RF AGC = 1 (engaged)
ACP = antenna current protection: ACP = 0 (no over-
current) and ACP = 1 (overcurrent)
AND = antenna detection: ANT = 0 (current < thresh-
old) and ANT = 1 (current > threshold)
LD = lock detect: LD = 0 (out of lock) and LD = 1
(lock)
BYTE Reserved:
Inactive at this time, all bits are 0
Register configuration for the LO generation
when the comparison frequency = 23.92MHz:
to generate 2078.893333MHz:
PLLint = 01010110, PLLfrac2 = 00011110,
PLLfrac1= 10010000, PLLfrac0 = 01101001
to generate 2067.777778MHz:
PLLint = 01010110, PLLfrac2 = 00010111,
PLLfrac1 = 00100001, PLLfrac0 = 00000010
to generate 1871.004000 MHz:
PLLint = 01001110, PLLfrac2 = 00010011,
PLLfrac1 = 10000001, PLLfrac0 = 11111000
to generate 1861.000000MHz:
PLLint = 01001101, PLLfrac2 = 00011100,
PLLfrac1 = 11010000, PLLfrac0 = 11101000
READ-FROM MODE
RESET VALUE
ADDRESS (hex)
MSB
CONTROL BYTE
LSB
Address
C3
C5
C7
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
1
1
1
0
1
1
1
1
Reserved
00000000
00
0
0
0
0
0
0
0
0
Status
00000000
01
0
0
0
0
RFAGC
ACP
AND
LD
Table 4. MAX2140 Read Programming Bits


Similar Part No. - MAX2140ETH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2140ETH MAXIM-MAX2140ETH Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
MAX2140ETH MAXIM-MAX2140ETH Datasheet
1Mb / 15P
   Complete SDARS Receiver
2015
MAX2140ETH++ MAXIM-MAX2140ETH+ Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
MAX2140ETH++ MAXIM-MAX2140ETH+ Datasheet
1Mb / 15P
   Complete SDARS Receiver
2015
More results

Similar Description - MAX2140ETH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2140 MAXIM-MAX2140_05 Datasheet
206Kb / 13P
   Complete SDARS Receiver
Rev 3; 10/05
MAX2140 MAXIM-MAX2140_V01 Datasheet
1Mb / 15P
   Complete SDARS Receiver
2015
logo
RF Monolithics, Inc
SF2038B-3 RFM-SF2038B-3 Datasheet
84Kb / 3P
   Designed for SDARS IF Receiver
SF2038B RFM-SF2038B Datasheet
250Kb / 7P
   Designed for SDARS IF Receiver
SF2039B RFM-SF2039B Datasheet
190Kb / 7P
   Designed for SDARS IF Receiver
SF1141B-4 RFM-SF1141B-4 Datasheet
106Kb / 3P
   Designed for SDARS IF Receiver
SF2039B-3 RFM-SF2039B-3 Datasheet
84Kb / 3P
   Designed for SDARS IF Receiver
SF2037C RFM-SF2037C Datasheet
856Kb / 5P
   Designed for SDARS IF Receiver
SF2040B RFM-SF2040B Datasheet
242Kb / 7P
   Designed for SDARS IF Receiver
SF1141B RFM-SF1141B Datasheet
471Kb / 6P
   Designed for SDARS IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com