Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

118AHT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 118AHT
Description  Aluminum electrolytic capacitors Axial High Temperature
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

118AHT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  118AHT Datasheet HTML 1Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 2Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 3Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 118AHT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2002 Jun 07
2
BCcomponents
Product specification
Aluminum electrolytic capacitors
Axial High Temperature
118 AHT
FEATURES
• Polarized aluminum electrolytic
capacitors, non-solid electrolyte
• Axial leads, cylindrical aluminium
case, insulated with a blue sleeve
• Mounting ring version not insulated
• Taped versions up to case
∅15 × 30 mm available for
automatic insertion
• Charge and discharge proof
• Extra long useful life:
up to 8000 hours at 125
°C,
high reliability
• Extended temperature range: 125 °C
(usable up to 150
°C)
• Miniaturized, high CV-product per
unit volume.
Fig.1 Component outlines; Forms BR and BA.
MBB121
118 AHT
125
°C
119 AHT-DIN
138 AML
high ripple,
low impedance
CCB050
105
°C
120 ATC
125
°C
very high
ripple
APPLICATIONS
• Automotive, industrial and
telecommunication
• Smoothing, filtering, coupling,
decoupling, timing
• For use after very long storage
(10 years) without voltage applied
• Portable and mobile equipment
(small size, low mass)
• Low mounting height boards,
vibration and shock resistant
• Outdoor applications,
e.g. aerial amplifiers.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Case sizes (
∅Dnom × Lnom in mm)
6.5
× 18 to 10 × 25
10
× 30 to 21 × 38
Rated capacitance range, CR
1to10000
µF
Tolerance on CR
±20%
Rated voltage range, UR
6.3 to 200 V
Category temperature range
−40 to +125 °C
−55 to +125 °C
Endurance test at 150
°C (6.3 to 100 V)
500 hours
500 hours
Endurance test at 125
°C
2000 hours
3000 hours
Useful life at 125
°C
4000 hours
8000 hours
Useful life at 40
°C, 1.8 × IR applied
500000 hours
1000000 hours
Shelf life at 0 V, 125
°C:
UR = 6.3 to 63 V
500 hours
UR = 100 and 200 V
100 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/125/56
55/125/56


Similar Part No. - 118AHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
More results

Similar Description - 118AHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
Cornell Dubilier Electr...
AXLH CDE-AXLH Datasheet
90Kb / 5P
   High Temperature Axial Leaded Aluminum Electrolytic Capacitors
logo
RFE international
TG470M1ATR050120 RFE-TG470M1ATR050120 Datasheet
117Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TG Series: Axial High Temperature
logo
Vishay Siliconix
119AHT-DIN VISHAY-119AHT-DIN_17 Datasheet
234Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
Revision: 09-Jan-17
119AHT-DIN VISHAY-119AHT-DIN_V01 Datasheet
213Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature, DIN-Based
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com