Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD57030 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSD57030
Description  RF POWER TRANSISTORS The LdmoST FAMILY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSD57030 Datasheet(HTML) 2 Page - STMicroelectronics

  TSD57030 Datasheet HTML 1Page - STMicroelectronics TSD57030 Datasheet HTML 2Page - STMicroelectronics TSD57030 Datasheet HTML 3Page - STMicroelectronics TSD57030 Datasheet HTML 4Page - STMicroelectronics TSD57030 Datasheet HTML 5Page - STMicroelectronics TSD57030 Datasheet HTML 6Page - STMicroelectronics TSD57030 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD57030
2/7
ELECTRICAL SPECIFICATION (TCASE = 25°C)
STATIC
DYNAMIC
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
VGS = 0 V
IDS = 10 mA
65
V
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 50 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
1.3
V
GFS
VDS = 10 V
ID = 3 A
1.8
mho
CISS*VGS = 0 V
VDS = 28 V
f = 1 MHz
58
pF
COSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
34
pF
CRSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
2.7
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 28 V
IDQ = 50 mA
f = 945 MHz
30
W
GPS
VDD = 28 V
IDQ = 50 mA
POUT = 30 W
f = 945 MHz
13
15
dB
ηD
VDD = 28 V
IDQ = 50 mA
POUT = 30 W
f = 945 MHz
50
60
%
Load
mismatch
VDD = 28 V
IDQ = 50 mA
POUT = 28 W
f = 945 MHz
ALL PHASE ANGLES
10:1
VSWR
Ref. 7143417B


Similar Part No. - TSD57030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSD57045 STMICROELECTRONICS-TSD57045 Datasheet
234Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
TSD57045-01 STMICROELECTRONICS-TSD57045-01 Datasheet
233Kb / 11P
   RF POWER TRANSISTORS The LdmoSTFAMILY
TSD57060 STMICROELECTRONICS-TSD57060 Datasheet
73Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
TSD57060-01 STMICROELECTRONICS-TSD57060-01 Datasheet
71Kb / 8P
   RF POWER TRANSISTORS The LdmoSTFAMILY
More results

Similar Description - TSD57030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
   RF POWER TRANSISTORS The LdmoST FAMILY
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
   RF power transistors The LdmoST Plastic family
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
   RF Power Transistors The LdmoST Plastic FAMILY
PD54003L STMICROELECTRONICS-PD54003L Datasheet
83Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PD54008L STMICROELECTRONICS-PD54008L Datasheet
92Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com