Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M464S1724FTS Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M464S1724FTS
Description  64MB, 128MB Unbuffered SODIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S1724FTS Datasheet(HTML) 4 Page - Samsung semiconductor

  M464S1724FTS Datasheet HTML 1Page - Samsung semiconductor M464S1724FTS Datasheet HTML 2Page - Samsung semiconductor M464S1724FTS Datasheet HTML 3Page - Samsung semiconductor M464S1724FTS Datasheet HTML 4Page - Samsung semiconductor M464S1724FTS Datasheet HTML 5Page - Samsung semiconductor M464S1724FTS Datasheet HTML 6Page - Samsung semiconductor M464S1724FTS Datasheet HTML 7Page - Samsung semiconductor M464S1724FTS Datasheet HTML 8Page - Samsung semiconductor M464S1724FTS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
64MB, 128MB Unbuffered SODIMM
Rev. 1.4 March. 2004
SDRAM
PIN CONFIGURATIONS (Front side/back side)
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
VSS
DQ0
DQ1
DQ2
DQ3
VDD
DQ4
DQ5
DQ6
DQ7
VSS
DQM0
DQM1
VDD
A0
A1
A2
VSS
DQ8
DQ9
DQ10
DQ11
VDD
DQ12
DQ13
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
VSS
DQ32
DQ33
DQ34
DQ35
VDD
DQ36
DQ37
DQ38
DQ39
VSS
DQM4
DQM5
VDD
A3
A4
A5
VSS
DQ40
DQ41
DQ42
DQ43
VDD
DQ44
DQ45
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
DQ14
DQ15
VSS
NC
NC
**CLK0
VDD
RAS
WE
**CS0
**CS1
DU
VSS
NC
NC
VDD
DQ16
DQ17
DQ18
DQ19
VSS
DQ20
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
DQ46
DQ47
VSS
NC
NC
**CKE0
VDD
CAS
**CKE1
*A12
*A13
**CLK1
VSS
NC
NC
VDD
DQ48
DQ49
DQ50
DQ51
VSS
DQ52
95
97
99
101
103
105
107
109
111
113
115
117
119
121
123
125
127
129
131
133
135
137
139
141
143
DQ21
DQ22
DQ23
VDD
A6
A8
VSS
A9
A10/AP
VDD
DQM2
DQM3
VSS
DQ24
DQ25
DQ26
DQ27
VDD
DQ28
DQ29
DQ30
DQ31
VSS
SDA
VDD
96
98
100
102
104
106
108
110
112
114
116
118
120
122
124
126
128
130
132
134
136
138
140
142
144
DQ53
DQ54
DQ55
VDD
A7
BA0
VSS
BA1
A11
VDD
DQM6
DQM7
VSS
DQ56
DQ57
DQ58
DQ59
VDD
DQ60
DQ61
DQ62
DQ63
VSS
SCL
VDD
Pin Description
Pin Name
Function
Pin Name
Function
A0 ~ A11
Address input (Multiplexed)
WE
Write enable
BA0 ~ BA1
Select bank
DQM0 ~ 7
DQM
DQ0 ~ DQ63
Data input/output
VDD
Power supply (3.3V)
CLK0 ~ CLK1
Clock input
VSS
Ground
CKE0 ~ CKE1
Clock enable input
SDA
Serial data I/O
CS0 ~ CS1
Chip select input
SCL
Serial clock
RAS
Row address strobe
DU
Don
′t use
CAS
Column address strobe
NC
No connection
Voltage Key
1.* These pins are not used in this module.
2.Pins 141,142 should be NC in the system which does not support SPD.
3.** About these pins, Refer to the Block Diagram of each.
Note :
* SAMSUNG ELECTRONICS CO., Ltd. reserves the right to change products and specifications without notice.


Similar Part No. - M464S1724FTS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724FTS-CL7A SAMSUNG-M464S1724FTS-CL7A Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
More results

Similar Description - M464S1724FTS

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516Y04V MOSEL-V436516Y04V Datasheet
307Kb / 11P
   128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
logo
Samsung semiconductor
K9D1G08V0M SAMSUNG-K9D1G08V0M Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
logo
Eorex Corporation
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
logo
White Electronic Design...
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
logo
Samsung semiconductor
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M464S6554BTS SAMSUNG-M464S6554BTS Datasheet
277Kb / 15P
   SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com