Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX7446 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX7446
Description  4-Channel Video Filter for RGB and CVBS Video
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

   
 3 page
background image
4-Channel Video Filter for RGB and CVBS Video
_______________________________________________________________________________________
3
AMPLITUDE vs. FREQUENCY
FREQUENCY (MHz)
10
-80
-60
-40
-20
0
1
100
NORMALIZED TO 0dB
PASSBAND AMPLITUDE vs. FREQUENCY
FREQUENCY (MHz)
1
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0.1
10
NORMALIZED TO 0dB
FLAT PASSBAND RESPONSE
HIGH-FREQUENCY BOOST
PHASE RESPONSE vs. FREQUENCY
FREQUENCY (MHz)
1
-150
-100
-50
0
50
100
150
200
-200
0.1
10
GROUP DELAY vs. FREQUENCY
FREQUENCY (MHz)
1
60
70
80
90
100
50
0.1
10
2T RESPONSE (1 IRE = 7.14mV)
MAX7446 toc05
200ns/div
250mV/div
250mV/div
IN_
OUT_
MODULATED 12.5T RESPONSE
(1 IRE = 7.14mV)
MAX7446 toc06
400ns/div
250mV/div
250mV/div
IN_
OUT_
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V ±5%, CL = 0 to 20pF, RL = 75
Ω to GND for DC-coupled load, RL = 75Ω to VCC / 2 for AC-coupled load, CIN_ = 0.1µF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V, TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DISABLE
Output Impedance During DisableZDISABLE
At 5MHz
2
k
Disable Logic-Input High Voltage
VIH
2.0
V
Disable Logic-Input Low Voltage
VIL
0.8
V
Disable Logic-Input Current
IDISABLE
VIL = 0V (sink), VIH = VCC (source)
±10
µA




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADA4410-6Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1 2 3 4 5 MoreAnalog Devices
FMS6408Triple Video Filter Driver for RGB and YUV Signals 1 2 3 4 5 MoreFairchild Semiconductor
MAX74484-Channel RGB Video Filter with Asynchronous CVBS Input 1 2 3 4 5 MoreMaxim Integrated Products
FMS6417Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MAX74493-Channel Video Reconstruction Filter for RGB Component Video 1 2 3 4 5 MoreMaxim Integrated Products
FMS6403Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals 1 Fairchild Semiconductor
TDA8453AP2CCD FILTER COMBINATION FOR CVBS AND S-VHS 1 2 3 4 5 MoreNXP Semiconductors
TSB6326CIF Filter for Video and Sound 1 Sanyo Semicon Device
FMS6417ASelectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1 2 3 4 5 MoreFairchild Semiconductor
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl