Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M464S1724ETS-CL7A Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M464S1724ETS-CL7A
Description  64MB, 128MB Unbuffered SODIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S1724ETS-CL7A Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M464S1724ETS-CL7A Datasheet HTML 5Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 6Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 7Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 8Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 9Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 10Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 11Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 12Page - Samsung semiconductor M464S1724ETS-CL7A Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
64MB, 128MB Unbuffered SODIMM
Rev. 1.4 March. 2004
SDRAM
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-7A
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
400
mA
1
Precharge standby current
in power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
8
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC =∞
8
Precharge standby current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
80
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC =∞
Input signals are stable
40
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
20
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC =∞
20
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
120
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC =∞
Input signals are stable
100
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks activated
tCCD = 2CLKs
560
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
800
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C
8
mA
L
3.2
mA
1. Measured with outputs open.
2. Refresh period is 64ms.
Notes :
M464S0924ETS (8M x 64, 64MB Module)


Similar Part No. - M464S1724ETS-CL7A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1H SAMSUNG-M464S1724CT1-C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-C1L SAMSUNG-M464S1724CT1-C1L Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H SAMSUNG-M464S1724CT1-L1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1-L1H/C1H SAMSUNG-M464S1724CT1-L1H/C1H Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
More results

Similar Description - M464S1724ETS-CL7A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516Y04V MOSEL-V436516Y04V Datasheet
307Kb / 11P
   128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
logo
Samsung semiconductor
K9D1G08V0M SAMSUNG-K9D1G08V0M Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
logo
White Electronic Design...
W3DG648V-D1 WEDC-W3DG648V-D1 Datasheet
129Kb / 6P
   64MB - 2x4Mx64 SDRAM, UNBUFFERED
logo
Eorex Corporation
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
logo
White Electronic Design...
W3DG647V-D2 WEDC-W3DG647V-D2 Datasheet
81Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG648V-D2 WEDC-W3DG648V-D2 Datasheet
76Kb / 5P
   64MB- 8Mx64 SDRAM UNBUFFERED
W3DG727V-D2 WEDC-W3DG727V-D2 Datasheet
121Kb / 5P
   64MB - 8Mx72 SDRAM UNBUFFERED
WED3DG649V-D1 WEDC-WED3DG649V-D1 Datasheet
105Kb / 6P
   64MB- 8Mx64 SDRAM, UNBUFFERED
logo
Samsung semiconductor
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M464S6554BTS SAMSUNG-M464S6554BTS Datasheet
277Kb / 15P
   SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com