Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7812SRH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7812SRH
Description  3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78XX Pinouts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

7812SRH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7812SRH Datasheet HTML 1Page - List of Unclassifed Manufacturers 7812SRH Datasheet HTML 2Page - List of Unclassifed Manufacturers 7812SRH Datasheet HTML 3Page - List of Unclassifed Manufacturers 7812SRH Datasheet HTML 4Page - List of Unclassifed Manufacturers 7812SRH Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • E–mail: sales@datel.com • Internet: www.datel.com
78SR Series
3.3V/5V/12V Outputs
High-Efficiency Switching
Regulators with LM78XX Pinouts
Features
• 3.3V/0.5A, 5V/0.5A or 12V/0.4A outputs; Pin and size-compatible
with LM7805 & LM7812 regulators
• Up to 95% efficiency– no heat sinks or thermal derating required!
• Two SIP-packages fit existing TO-220 footprints:
Vertical-pin models occupy less than 0.1 square in.
Optional horizontal pins provide 0.350 in. installed height
• +7.5-36Vdc operating input range; Low 3mA quiescent current
• Built-in filter capacitors–no external components required
• –40 to +70°C operation at full load; Short-circuit protection
• Excellent load (±0.2%) and line (±0.3%) regulation
• Ideal for powering instrumentation from 9V/12V/24V/28V
supplies or batteries
• Can be used with unregulated dc supplies
DATEL’s 7805SR (5V output), 7812SR (12V output) and
7803SR (3.3V output) step-down switching regulators are
modern drop-in replacements for older, inefficient, LM7805 and
LM7812 linear regulators. The 78XXSR's are pin- and size-
compatible with industry-standard TO-220 SIP packages. A
260kHz switching frequency provides for efficiencies as high as
95%. Full-load (up to 0.5A) operation from 9V, 12V, 24V, or 36V
supplies at ambient temperatures up to +70°C requires no heat
sinks, no temperature derating, no forced-air cooling, and no
external capacitors.
78SR switching regulators provide many significant
improvements over their linear counterparts: lower quiescent
current (3mA vs. 5 mA), higher input voltage (40V vs. 32V),
and better output accuracy (±1.5% vs. ±5%). All these features
combine to make 78SR regulators ideal for new or existing
LM7805 & LM7812 applications requiring full-load operation at
elevated voltages.
Technical Notes
1. Input/Output (I/O) Filtering: As shown in the noise and ripple graphs,
78SR switching regulators exhibit excellent low-noise performance with
no external I/O capacitors. However, if additional noise reduction is
required, be sure to use low-ESR capacitors that are rated for continu-
ous operation (with an additional 20% safety margin) at the highest
system voltages and temperatures. Adding external output capacitors
will also improve the unit’s load-transient response.
Applications in which 78SR regulators are located more than 24
inches (61cm) from the input power supply should include an external
47uF/50V (or greater) aluminum electrolytic capacitor, connected as
close as possible to the regulator’s +Vin and GND terminals (pins 1
and 2). An external input capacitor is particularly important if the input
voltage is applied to the regulator via a mechanical switch or relay.
Contact bounce at turn-on can produce large inductive current-spikes,
and these current spikes can generate damaging voltage transients at
the regulator’s input terminals.
2. Input Fusing: 78SR switching regulators are not internally fused. If
fusing their input and/or output terminals is required, use the data
shown in the Efficiency Curves as a guide to selecting an appropriate
slow-blow fuse.
3. Input-Output Isolation: 78SR regulators’ internal input and output
circuits share a common connection (GND, pin 2); there is no electrical
isolation between the INPUT (pin 1) and OUTPUT (pin 3) terminals.
4. Overvoltage Protection: 78SR switching regulators do not provide
input or output overvoltage protection. In the extremely rare situation
in which a catastrophic failure occurs, the output voltage may rise
to excessively high levels. If your load must be protected against
all possible overvoltage situations, external voltage-limiting circuitry
must be provided.
5. Operation at 40Vdc: Operating with inputs up to 40Vdc is permissible
if, for inputs between 36 and 40Vdc, the maximum load current is
reduced to 0.35A for 7805SR and 7803SR, and to 0.3A for 7812SR.
Under no circumstances should the input voltage be allowed to
exceed 45Vdc.
6. Soldering & Handling Precautions: All units are designed to be
hand soldered to pc-boards using no-clean solders (+260°C, 5 sec-
onds max.). Water-soluble solders can also be used, but the units
must be washed and dried using processes appropriate to the type of
solder employed. See the Mechanical Specifications section for pin 1
orientation and recommended plated-through hole dimensions.
While 78SR regulators easily withstand a 2kV ESD discharge to any
terminal (using human body model), they should always be treated as
ESD sensitive devices.
7. Horizontal-Pin Models (78XXSRH): 78XXSRH switching regulators
are pin-compatible replacements for TO-220 style LM78XX linear reg-
ulators that are installed with their metal tabs lying flat on the surface
Order online at www.datel.com
®
®
A SUBSIDIARY OF C&D TECHNOLOGIES
NEW
low-profile package


Similar Part No. - 7812SRH

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
7812SRH-C MURATA-PS-7812SRH-C Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
7812SRH-C MURATA-7812SRH-C Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Power Solutions ...
7812SRH-C MURATA-PS-7812SRH-C Datasheet
406Kb / 7P
   Piezoelectric Diaphragms
2015
More results

Similar Description - 7812SRH

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS-78XXSR MURATA-DMS-78XXSR Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Power Solutions ...
7803SR-C MURATA-PS-7803SR-C Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
78SR-3.3 MURATA1-78SR-3.3 Datasheet
418Kb / 6P
   2 Amp, 3.3V, 5.0V, & 5.2V Output, High Effi ciency, Synchronous Switching Regulators
logo
Linear Technology
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
   Effi ciency to 93%
logo
Linear Technology
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com