Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4302-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4302-2
Description  Addressable 2-Wire Bus Buffers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4302-2 Datasheet HTML 2Page - Linear Technology LTC4302-2 Datasheet HTML 3Page - Linear Technology LTC4302-2 Datasheet HTML 4Page - Linear Technology LTC4302-2 Datasheet HTML 5Page - Linear Technology LTC4302-2 Datasheet HTML 6Page - Linear Technology LTC4302-2 Datasheet HTML 7Page - Linear Technology LTC4302-2 Datasheet HTML 8Page - Linear Technology LTC4302-2 Datasheet HTML 9Page - Linear Technology LTC4302-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4302-1/LTC4302-2
6
sn430212 430212fs
BLOCK DIAGRA S
LTC4302-1 Addressable 2-Wire Bus Buffer
+
1
µs
FILTER
5-BIT
A/D
ADDRESS
DECODER
100ns GLITCH
FILTER
UVLO
ADDRESS
FIXED BITS
“11”
INACC
OUTACC
CONNECT
2-WIRE
DIGITAL
INTERFACE
+
100ns GLITCH
FILTER
SLEW RATE
DETECTOR
2mA
2mA
2.5V/
2.35V
VCC
CONN
8
3
ADDRESS
4
SCLIN
INACC
RLIM
50k
2pF
VCC
SDAIN
0.55VCC
0.45VCC
GND
4302 BD1
5
SCLOUT
9
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
1V
PRECHARGE
UVLO
SDAIN
SDAOUT
SCLIN
SCLOUT
100k
100k
2mA
OUTACC
SLEW RATE
DETECTOR
SDAIN
INACC
SDAOUT
10
BACKPLANE-TO-CARD
CONNECTION
SLEW RATE
DETECTOR
2mA
OUTACC
100k
100k
1
2
+
VCC
DATA IN2
DIR2
OUT CFG2
GPIO2
7
VCC
DATA IN1
DIR1
OUT CFG1
GPIO1
6


Similar Part No. - LTC4302-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4302-2 LINER-LTC4302-2 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4302-2 LINER-LTC4302-2 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4302-2 LINER-LTC4302-2 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4302-2 LINER-LTC4302-2 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4302-2 LINER-LTC4302-2 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4302-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
   Addressable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com