Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3801B Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3801B
Description  Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3801B Datasheet(HTML) 3 Page - Linear Technology

  LTC3801B Datasheet HTML 1Page - Linear Technology LTC3801B Datasheet HTML 2Page - Linear Technology LTC3801B Datasheet HTML 3Page - Linear Technology LTC3801B Datasheet HTML 4Page - Linear Technology LTC3801B Datasheet HTML 5Page - Linear Technology LTC3801B Datasheet HTML 6Page - Linear Technology LTC3801B Datasheet HTML 7Page - Linear Technology LTC3801B Datasheet HTML 8Page - Linear Technology LTC3801B Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC3801/LTC3801B
3801f
TYPICAL PERFOR A CE CHARACTERISTICS
Input DC Supply Current (Normal)
vs Input Voltage
VIN (V)
2
205
215
225
57
10
3801 G01
195
185
175
34
6
89
TA = 25°C
VITH/RUN = 1.3V
VIN (V)
2
16
18
20
57
10
3801 G02
14
12
10
34
6
89
TA = 25°C
VIN (V)
2
9
12
15
57
10
3801 G03
6
3
0
34
6
89
TA = 25°C
VITH/RUN = 0V
LTC3801B
LTC3801
Input DC Supply Current (SLEEP)
vs Input Voltage (LTC3801 Only)
Input DC Supply Current
(Shutdown) vs Input Voltage
Undervoltage Lockout Threshold
vs Temperature
Shutdown Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
TEMPERATURE (
°C)
–50
–30
1.2
1.6
2.2
–10
30
50
3801 G04
1.4
2.0
1.8
10
70
90
VIN RISING
VIN FALLING
TEMPERATURE (
°C)
–50
400
500
600
700
800
–30
–10
10
30
3801 G05
50
70
90
VIN = 4.2V
TEMPERATURE (
°C)
–50
804
808
812
10
50
3801 G06
800
796
–30
–10
30
80
90
792
788
VIN = 4.2V
Regulated Feedback Voltage
vs Input Voltage
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Input Voltage
VIN (V)
2
788
792
796
800
804
46
8
10
3801 G07
808
812
35
7
9
TA = 25°C
TEMPERATURE (
°C)
–50
500
510
530
540
550
600
570
–10
30
50
3801 G08
520
580
590
560
–30
10
70
90
VIN = 4.2V
VIN (V)
2
540
545
550
555
560
34
5
6
3801 G09
78
9
10
TA = 25°C


Similar Part No. - LTC3801B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801B LINER-LTC3801B Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801BES6 LINER-LTC3801BES6 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results

Similar Description - LTC3801B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3772B LINER-LTC3772B Datasheet
322Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com