Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP124 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP124
Description  Micropower Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP124 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP124 Datasheet HTML 1Page - National Semiconductor (TI) LP124 Datasheet HTML 2Page - National Semiconductor (TI) LP124 Datasheet HTML 3Page - National Semiconductor (TI) LP124 Datasheet HTML 4Page - National Semiconductor (TI) LP124 Datasheet HTML 5Page - National Semiconductor (TI) LP124 Datasheet HTML 6Page - National Semiconductor (TI) LP124 Datasheet HTML 7Page - National Semiconductor (TI) LP124 Datasheet HTML 8Page - National Semiconductor (TI) LP124 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Curves (Continued)
Pulse Response
Voltage Follower
Response (Small Signal)
Voltage Follower Pulse
Rejection Ratio
Common Mode
TLH8562 – 20
Frequency Response
Large Signal
Current Sourcing
Output Characteristics
Current Sinking
Output Characteristics
Current Limiting
TLH8562 – 19
Application Hints
The LP124 series is a micro-power pin-for-pin equivalent to
the LM124 op amps Power supply current input bias cur-
rent and input offset current have all been reduced by a
factor of 10 over the LM124 Like its predecessor the
LP124 series op amps can operate on single supply have
true-differential inputs and remain in the linear mode with
an input common-mode voltage of 0 VDC
The pinouts of the package have been designed to simplify
PC board layouts Inverting inputs are adjacent to outputs
for all of the amplifiers and the outputs have also been
placed at the corners of the package (pins 1 7 8 and 14)
Precautions should be taken to insure that the power supply
for the integrated circuit never becomes reversed in polarity
or the unit is not inadvertently installed backwards in the
test socket as an unlimited current surge through the result-
ing forward diode within the IC could destroy the unit
Large differential input voltages can be easily accommodat-
ed and as input differential voltage protection diodes are
not needed no large input currents result from large differ-
ential input voltages The differential input voltage may be
larger than Va without damaging the device Protection
should be provided to prevent the input voltages from going
negative more than b03 VDC (at 25 C) An input clamp
diode with a resistor to the IC input terminal can be used
The amplifiers have a class B output stage which allows the
amplifiers to both source and sink output currents In appli-
cations where crossover distortion is undesirable a resistor
http
www nationalcom
4


Similar Part No. - LP124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1240-12-YZ ETC1-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ_15 Datasheet
49Kb / 2P
   Switch-Mode LED Driver
logo
List of Unclassifed Man...
LP1240-24-YZ ETC1-LP1240-24-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
More results

Similar Description - LP124

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420CY AD-OP420CY Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
OP420 AD-OP420_15 Datasheet
121Kb / 8P
   Quad Micropower Operational Amplifier
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP420G AD-OP420G Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com