Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP124 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP124
Description  Micropower Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP124 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP124 Datasheet HTML 1Page - National Semiconductor (TI) LP124 Datasheet HTML 2Page - National Semiconductor (TI) LP124 Datasheet HTML 3Page - National Semiconductor (TI) LP124 Datasheet HTML 4Page - National Semiconductor (TI) LP124 Datasheet HTML 5Page - National Semiconductor (TI) LP124 Datasheet HTML 6Page - National Semiconductor (TI) LP124 Datasheet HTML 7Page - National Semiconductor (TI) LP124 Datasheet HTML 8Page - National Semiconductor (TI) LP124 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Note 5) (Continued)
LP124
LP2902 (Note 8)
LP324
Symbol
Parameter
Conditions
Tested
Design
Tested
Design
Tested
Design
Units
Typ
Limit
Limit
Typ
Limit
Limit
Typ
Limit
Limit
Limits
(Note 6)
(Note 7)
(Note 6)
(Note 7)
(Note 6)
(Note 7)
Isink
Output
Vin (diff) e 1V
15
30
45
15
30
45
15
30
45
mA
Short to Va
40
(Max)
Vos
710
10
m
VC
Drift
Ios
5
10
10
pAC
Drift
GBW
Gain
Bandwidth
100
100
100
KHz
Product
Sr
Slew Rate
50
50
50
VmS
Note 1
The input voltage is not allowed to go more than b03V below Vb (GND) as this will turn on a parasitic transistor causing large currents to flow through the
device
Note 2
Short circuits from the output to GND can cause excessive heating and eventual destruction The maximum sourcing output current is approximately 30 mA
independent of the magnitude of Va At values of supply voltage in excess of 15 VDC continuous short-circuit to GND can exceed the power dissipation ratings
(particularly at elevated temperatures) and cause eventual destruction Destructive dissipation can result from simultaneous shorts on all amplifiers
Note 3
For operation at elevated temperatures these devices must be derated based on a thermal resistance of ija and Tj max Tj e TA a ijaPD
Note 4
The LP124 may be operated from b55 C s TA s a125 C The LP2902 may be operated from b40 C s TA s a85 C and the LP324 may be operated
from 0 C s TA s a70 C
Note 5 Boldface numbers apply at temperature extremes
All other numbers apply only at TA e Tj e 25 C Va e 5V Vcm e V2 and RL e100k
connected to GND unless otherwise specified
Note 6
Guaranteed and 100% production tested
Note 7
Guaranteed (but not 100% production tested) over the operating supply voltage range (30V to 32V for the LP124 LP324 and 30V to 26V for the LP2902)
and the common mode range (0V to Va b15V) unless otherwise specified These limits are not used to calculate outgoing quality levels
Note 8
The LP2902 operating supply range is 3V to 26V and is not tested above 26V
Note 9
The test circuit used consists of the human body model of 100 pF in series with 1500X
Typical Performance Curves
Input Voltage Range
Input Current
Supply Current
Voltage Gain
Frequency Response
Open Loop
Rejection Ratio
Power Supply
TLH8562 – 18
http
www nationalcom
3


Similar Part No. - LP124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1240-12-YZ ETC1-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ_15 Datasheet
49Kb / 2P
   Switch-Mode LED Driver
logo
List of Unclassifed Man...
LP1240-24-YZ ETC1-LP1240-24-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
More results

Similar Description - LP124

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420CY AD-OP420CY Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
OP420 AD-OP420_15 Datasheet
121Kb / 8P
   Quad Micropower Operational Amplifier
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP420G AD-OP420G Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com