Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2717 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2717
Description  Dual Step-down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2717 Datasheet HTML 4Page - National Semiconductor (TI) LM2717 Datasheet HTML 5Page - National Semiconductor (TI) LM2717 Datasheet HTML 6Page - National Semiconductor (TI) LM2717 Datasheet HTML 7Page - National Semiconductor (TI) LM2717 Datasheet HTML 8Page - National Semiconductor (TI) LM2717 Datasheet HTML 9Page - National Semiconductor (TI) LM2717 Datasheet HTML 10Page - National Semiconductor (TI) LM2717 Datasheet HTML 11Page - National Semiconductor (TI) LM2717 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Buck Operation (Continued)
BOOTSTRAP CAPACITOR
A 4.7nF ceramic capacitor or larger is recommended for the
bootstrap capacitor. For applications where the input voltage
is less than twice the output voltage a larger capacitor is
recommended, generally 0.1µF to 1µF to ensure plenty of
gate drive for the internal switches and a consistently low
R
DS(ON).
SOFT-START CAPACITOR (BOTH REGULATORS)
The LM2717 does not contain internal soft-start which allows
for fast startup time but also causes high inrush current.
Therefore for applications that need reduced inrush current
the LM2717 has circuitry that is used to limit the inrush
current on start-up of the DC/DC switching regulators. This
inrush current limiting circuitry serves as a soft-start. The
external SS pins are used to tailor the soft-start for a specific
application. A current (I
SS) charges the external soft-start
capacitor, C
SS. The soft-start time can be estimated as:
T
SS =CSS*0.6V/ISS
When programming the softstart time simply use the equa-
tion given in the Soft-Start Capacitor section above.
SCHOTTKY DIODE
The breakdown voltage rating of D
1 and D2 is preferred to be
25% higher than the maximum input voltage. The current
rating for the diode should be equal to the maximum output
current for best reliability in most applications. In cases
where the input voltage is much greater than the output
voltage the average diode current is lower. In this case it is
possible to use a diode with a lower average current rating,
approximately (1-D)*I
OUT however the peak current rating
should be higher than the maximum load current.
LAYOUT CONSIDERATIONS
The LM2717 uses two separate ground connections, PGND
for the drivers and boost NMOS power device and AGND for
the sensitive analog control circuitry. The AGND and PGND
pins should be tied directly together at the package. The
feedback and compensation networks should be connected
directly to a dedicated analog ground plane and this ground
plane must connect to the AGND pin. If no analog ground
plane is available then the ground connections of the feed-
back and compensation networks must tie directly to the
AGND pin. Connecting these networks to the PGND can
inject noise into the system and effect performance.
The input bypass capacitor C
IN, as shown in Figure 1, must
be placed close to the IC. This will reduce copper trace
resistance which effects input voltage ripple of the IC. For
additional input voltage filtering, a 0.1µF to 4.7µF bypass
capacitors can be placed in parallel with C
IN, close to the VIN
pins to shunt any high frequency noise to ground. The output
capacitors, C
OUT1 and COUT2, should also be placed close to
the IC. Any copper trace connections for the C
OUTX capaci-
tors can increase the series resistance, which directly effects
output voltage ripple. The feedback network, resistors R
FB1
and R
FB2, should be kept close to the FB pin, and away from
the inductor to minimize copper trace connections that can
inject noise into the system. Trace connections made to the
inductors and schottky diodes should be minimized to re-
duce power dissipation and increase overall efficiency. For
more detail on switching power supply layout considerations
see Application Note AN-1149: Layout Guidelines for Switch-
ing Power Supplies.
Application Information
Some recommended Inductors (others may be used)
Manufacturer
Inductor
Contact Information
Coilcraft
DO3316 and DO5022 series
www.coilcraft.com
Coiltronics
DRQ73 and CD1 series
www.cooperet.com
Pulse
P0751 and P0762 series
www.pulseeng.com
Sumida
CDRH8D28 and CDRH8D43 series
www.sumida.com
Some recommended Input and Output Capacitors (others may be used)
Manufacturer
Capacitor
Contact Information
Vishay Sprague
293D, 592D, and 595D series tantalum
www.vishay.com
Taiyo Yuden
High capacitance MLCC ceramic
www.t-yuden.com
Cornell Dubilier
ESRD seriec Polymer Aluminum Electrolytic
SPV and AFK series V-chip series
www.cde.com
Panasonic
High capacitance MLCC ceramic
EEJ-L series tantalum
www.panasonic.com
www.national.com
10


Similar Part No. - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717-ADJ TI-LM2717-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
More results

Similar Description - LM2717

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com