Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KFG1216U2A-FED5 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KFG1216U2A-FED5
Description  FLASH MEMORY
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1216U2A-FED5 Datasheet(HTML) 1 Page - Samsung semiconductor

  KFG1216U2A-FED5 Datasheet HTML 1Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 2Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 3Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 4Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 5Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 6Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 7Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 8Page - Samsung semiconductor KFG1216U2A-FED5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
OneNAND512(KFG1216x2A-xxB5)
FLASH MEMORY
1
OneNANDTM Specification
Density
Part No.
VCC(core & IO)
Temperature
PKG
512Mb
KFG1216Q2A
1.8V(1.7V~1.95V)
Extended
63FBGA(LF)/63FBGA
KFG1216D2A
2.65V(2.4V~2.9V)
Extended
63FBGA(LF)/63FBGA
KFG1216U2A
3.3V(2.7V~3.6V)
Industrial
63FBGA(LF)/63FBGA
Version: Ver. 1.0
Date: May 17th, 2005


Similar Part No. - KFG1216U2A-FED5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFG1216U2M SAMSUNG-KFG1216U2M Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216U2M-DEB SAMSUNG-KFG1216U2M-DEB Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216U2M-DED SAMSUNG-KFG1216U2M-DED Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216U2M-DIB SAMSUNG-KFG1216U2M-DIB Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216U2M-DID SAMSUNG-KFG1216U2M-DID Datasheet
1Mb / 93P
   FLASH MEMORY
More results

Similar Description - KFG1216U2A-FED5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com