Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX6035A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SX6035A
Description  Quartz Crtstal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX6035A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SX6035A Datasheet HTML 1Page - List of Unclassifed Manufacturers SX6035A Datasheet HTML 2Page - List of Unclassifed Manufacturers SX6035A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Catalogue Ed. 2004 Rev. 01
2B Elettronica srl • Roma • Via Aurelia, 424 00165 • Tel +39-066622432 • Fax +39-066632956 • uff.roma@2belettronica.it
Milano• Ospiate di Bollate (MI) • Via Ghisalba, 13 20021 • Tel +39-0238303011 • Fax +39-0238303109 • uff.milano@2belettronica.it
www.2Belettronica.it
1/(3)
Quartz Crystal : SX6035 , SX6035A
Year Code
Year
Code
2001
1
2002
2
2009
9
2010
0
Load capacitance Code
Value
Code
Value
Code
Serie
15pF
G
20pF
A
13pF
H
30pF
B
32pF
L
12pF
C
25pF
M
12.5pF
D
14pF
N
16pF
E
6pF
P
18pF
F
27pF
R
9pF
V
8pF
T
22pF
K
10pF
U
General description
SMD Crystals suitable for any kind of application and realized in AT Cut to get best performance
(available temp. stability <
±4ppm in the range –20°C / +70°C). Widely used in telecomm. Field and PC
peripherals, PCMCIA cards, ze and thickness is a must. Can be realized with AT amental cut up to
45MHz
Features
-
Small size & SMD
-
Customizable characteristics
-
Tolerances up to
±5ppm
-
Temp. Stability up to
±4ppm
Electrical characteristics
Frequency range (MHz)
10 / 45 (Fund. AT Cut) , 32 / 125 (3th Ov. AT Cut)
Tolerance @ +25°C
Standard ±30ppm , upon request up to ±5ppm
Resonance Mode
Serie , Parallel : 20pF, 30pF (1)
Nom. Driving Level
0.1mW
Temperature stability
standard : <±50 ppm , upon request up to ±4ppm
Temperature range
-20°C / +70°C (standard) , -40°C / +85°C (industriale)
R1
Fond. <50
Ω , III OV < 80Ω
(1) other values available
Available frequency temperature stabilities
±5ppm (1)
±7.5ppm
±10ppm
±15ppm
±20ppm
±30ppm
±50ppm
0°C / +50°C
-10°C / +60°C
-20°C / +70°C
-40°C / +85°C
(1) also available 4ppm
Marking
BA
Frequency (MHz)
Week
Year
14.7456
01 1
Load capacitance
Mechanical dimensions
SX6035A
6±0.2
recommended soldering mask
3.5±0.2
1.05±0.2
1.5
3
4.0
4.5
1.8
SX6035
6±0.2
#1
recommended soldering mask
#2
#3
#4
3.5±0.2
1.05±0.2
1.5
3
2.5
4.5
1.9
1.4
#1
#4
#3
#2
X-TAL
GND
X-TAL
GND
Pb


Similar Part No. - SX6035A

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SX6000 A-DATA-SX6000 Datasheet
294Kb / 2P
   NVMe 1.2 certified
More results

Similar Description - SX6035A

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
XG-2123CA EPSONTOYOCOM-XG-2123CA Datasheet
540Kb / 2P
   Crtstal Oscillator
SG-210SCH EPSONTOYOCOM-SG-210SCH Datasheet
590Kb / 2P
   Crtstal Oscillator
logo
ECS, Inc.
HC-49USX-DN ECS-HC-49USX-DN Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
logo
auris-GmbH
HC49USSMD AURIS-HC49USSMD_1 Datasheet
200Kb / 1P
   Quartz SMD
HE1045 AURIS-HE1045_1 Datasheet
978Kb / 1P
   Quartz SMD
HE5032 AURIS-HE5032_1 Datasheet
500Kb / 1P
   Quartz SMD
HE7050 AURIS-HE7050_1 Datasheet
157Kb / 1P
   Quartz SMD
logo
Jauch Quartz Gmbh
JXE32 JAUCH-JXE32 Datasheet
65Kb / 2P
   Quartz Crystal
MQ1 JAUCH-MQ1 Datasheet
154Kb / 2P
   Quartz Crystal
JTX520 JAUCH-JTX520 Datasheet
134Kb / 2P
   Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com